データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7447798221 データシート(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7447798221
部品情報  POWER-CHOKE WE-PDF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447798221 データシート(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447798221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447798221 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
SPEICHERDROSSEL WE-PDF
description :
POWER-CHOKE WE-PDF
DATUM / DATE : 2009-12-01
K Rollenspezifikation / tape and reel specification :
A
10,45 ± 0,1
mm
B
24,00 ± 0,3
mm
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
10,45 ± 0,1
mm
H
6,60 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
..................................................................................
......................................................................
...............................................
..................................................
OO
09-12-01
Name
Datum / date
mm
1,55
C
± 0,05
Gurtspezifikation / Tape specification:
http://www.we-online.com
Kunde / customer
Würth Elektronik
Kontrolliert / approved
Unterschrift / signature
Datum / date
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Freigabe erteilt / general release:
Würth Elektronik eiSos GmbH & Co.KG
Änderung / modification
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
7447798221
Version 1
H
G
Ø c
a
d
b
A
B
F
E
D
øC
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear
control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos
GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical
circuits that require high safety and reliability functions or performance.
Marking
Marking
SEITE 4 VON 4


同様の部品番号 - 7447798221

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447798241 WURTH-7447798241 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798250 WURTH-7447798250 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798250 WURTH-7447798250 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447798250 WURTH-7447798250_15 Datasheet
1Mb / 7P
   WE-PDF SMD Shielded Power Inductor
7447798271 WURTH-7447798271 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
More results

同様の説明 - 7447798221

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7447797300 WURTH-7447797300 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
7447798910 WURTH-7447798910 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797250 WURTH-7447797250 Datasheet
214Kb / 4P
   POWER-CHOKE WE-PDF
7447797050 WURTH-7447797050 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797620 WURTH-7447797620 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798110 WURTH-7447798110 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798151 WURTH-7447798151 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797360 WURTH-7447797360 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
7447798022 WURTH-7447798022 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798111 WURTH-7447798111 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com