データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A6542 データシート(PDF) 4 Page - Texas Instruments

部品番号 TS5A6542
部品情報  0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A6542 データシート(HTML) 4 Page - Texas Instruments

  TS5A6542_09 Datasheet HTML 1Page - Texas Instruments TS5A6542_09 Datasheet HTML 2Page - Texas Instruments TS5A6542_09 Datasheet HTML 3Page - Texas Instruments TS5A6542_09 Datasheet HTML 4Page - Texas Instruments TS5A6542_09 Datasheet HTML 5Page - Texas Instruments TS5A6542_09 Datasheet HTML 6Page - Texas Instruments TS5A6542_09 Datasheet HTML 7Page - Texas Instruments TS5A6542_09 Datasheet HTML 8Page - Texas Instruments TS5A6542_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TS5A6542
SCDS211C – AUGUST 2006 – REVISED DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
V+ = 4.5 V to 5.5 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO
25°C
0.5
0.75
VNO or VNC = 2.5 V,
Switch ON,
ON-state resistance
ron
4.5 V
Ω
ICOM = –100 mA,
See Figure 14
Full
0.8
ON-state resistance
25°C
0.05
0.1
VNO or VNC = 2.5 V,
Switch ON,
match between
Δron
4.5 V
Ω
ICOM = –100 mA,
See Figure 14
Full
0.1
channels
0
≤ (VNO or VNC) ≤
Switch ON,
V+,
25°C
0.1
See Figure 14
ICOM = –100 mA,
ON-state resistance
ron(flat)
4.5 V
Ω
flatness
VNO or VNC = 1 V,
25°C
0.1
0.25
Switch ON,
1.5 V, 2.5 V,
See Figure 14
Full
0.25
ICOM = –100 mA,
VNO = 1 V, 4.5 V,
25°C
–20
2
20
VCOM = 4.5 V, 1 V,
VNC = Open,
NO, NC
INO(OFF), INC
Switch OFF,
or
5.5 V
nA
OFF leakage current
(OFF)
See Figure 15
Full
–100
100
VNC = 1 V, 4.5 V,
VCOM = 4.5 V, 1 V,
VNO = Open,
VNO = 1 V, 4.5 V,
25°C
–20
2
20
VCOM, VNC = Open,
NC, NO
Switch ON,
INO(ON)
or
5.5 V
nA
ON leakage current
See Figure 16
Full
–200
200
VNC = 1 V, 4.5 V,
VCOM, VNO = Open,
VCOM = 1 V, 4.5 V,
25°C
–20
2
20
VNO and VNC =
COM
Open,
ICOM(ON)
See Figure 16
5.5 V
nA
ON leakage current
or
Full
–200
200
VCOM = 1 V, 4.5 V,
VNO or VNC = Open,
Digital Control Input (IN)(2)
0.65
Input logic high
VIH
VIO = 1.65 V to 1.95 V
Full
VIO
V
× VIO
0.35
Input logic low
VIL
VIO = 1.65 V to 1.95 V
Full
0
V
× VIO
25°C
–2
2
Input leakage current
IIH, IIL
VI = VIO or 0
5.5 V
nA
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VIO or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A6542


同様の部品番号 - TS5A6542_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A6542YZPR TI-TS5A6542YZPR Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZPR TI1-TS5A6542YZPR Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542YZTR TI-TS5A6542YZTR Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

同様の説明 - TS5A6542_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com