データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1W-CLK データシート(PDF) 7 Page - Omron Electronics LLC

部品番号 CS1W-CLK
部品情報  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK データシート(HTML) 7 Page - Omron Electronics LLC

Back Button CS1W-CLK Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 10Page - Omron Electronics LLC CS1W-CLK Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CS1W-CLK
7
Communications Specifications
Note: 1. The maximum distance between nodes depends on the processing method for connectors and cables.
2. With wired models, the maximum number of nodes is 32 if Repeater Units are not used. A Repeater Unit is required when building a
network with more than 32 nodes. If a Repeater Unit is used, be sure to use only the following Controller Link Units or Boards and set
the Wired Network 62 Node Enable Bit in the DM Parameter Area software switches at all nodes.
CS1W-CLK23/CLK21-V1
CJ1W-CLK23/CLK21-V1
3G8F7-CLK23-E/CLK21-EV1
3. CX-Net in CX-Programmer version 3.1 or earlier can be used only in a system with a maximum of 32 nodes (node address 1 to 32). If a
system is to be used with a maximum of 62 nodes (node addresses 1 to 62), use CX-Net in CX-Programmer version 3.2 or higher or the
CX-Integrator.
4. If duplex Controller Link Units are used, the effective maximum number of nodes will be 62 (i.e., the maximum number of nodes in standby
mode (STB)).
5. CS-series PLCs do not have a Link Area, but LR000 to LR199 are automatically converted CIO 1000 to CIO 1199.
6. Only when a CS1W-CLK13/12-V1/53/52-V1 installed in a CS1D system is used in token ring mode.
Items
Specifications
Model
CS1W-CLK23
3G8F7-CLK23-E
CS1W-CLK21-V1
3G8F7-CLK21-EV1
CS1W-CLK13
3G8F7-CLK13-E
CS1W-CLK12-V1
3G8F7-CLK12-EV1
CS1W-CLK53
3G8F7-CLK53-E
CS1W-CLK52-V1
3G8F7-CLK52-EV1
Type
Wired (shielded twisted-pair cable)
Optical Ring (H-PCF cable)
Optical Ring (GI cable)
Communications
method
N:N token-bus method
N:N token-ring method (token-ring mode)
N:N token-bus method (token-bus mode)
Code
Manchester code
Modulation
Baseband code
Synchronization
Flag synchronization (conforms to HDLC frames)
Transmission path
format
Multidrop method (bus type)
• Ring method (token-ring mode)
• Daisy-chain method (token-ring mode)
Transmission speed
The following are the maximum
transmission distances depending on
the transmission speed.
2 Mbits/s: 500 m
1 Mbits/s: 800 m
500 kbits/s: 1 km
2 Mbits/s
Maximum
transmission distance
20 km
30 km
Maximum distance
between nodes
Not specified. (Maximum transmission
distance must be satisfied for the
entire system.)
Crimp-cut: 800 m
Adhesive polishing: 1 km (See note 1.)
62.5/125
μm: 2 km
50/125
μm: 1 km
Medium
Specified shielded twist-pair cable
Two signal wires, one shield
H-PCF cable (two-core optical cable)
GI cable (two-core optical cable:
62.5/125
μm, 50/125 μm)
Node connection
method
PLC: Connection to terminal block
Computer: Connection using special
(supplied) connector
Connection using special connector
(full-lock connector or half-lock
connector)
Connection using ST connector
Maximum number of
nodes
32 or 62 nodes (See note 2 and 3.)
62 (See note 4.)
Applicable
Programming Devices
CX-Integrator in CX-One, CX-Net in CX-Programmer (See note 3.), and Programming Console
Communications
functions
Data links and message service
Number of data link
words
Send words per node: 4,000 words max. (CS1W-CLK
@3), 1,000 words max. (All other Units)
Number of send/receive words per node:
12,000 words max. (Pre-Ver. 1.2)
20,000 words max. (unit Ver. 1.2 or later)
Total number of send words per network:
62,000 words max.
Data link areas
PLC: Bit areas (CIO Area, Work Area, Link Area (See note 5.)), Data Memory (DM), Extended DM Area (EM)
Computer: FinsGateway event memory
Message length
2,012 bytes max. (including the header)
RAS functions
• Polling node backup function
• Self-diagnosis function (hardware
checking at startup)
• Echoback test and broadcast test
(using the FINS command)
• Watchdog timer
• Error log function
• Polling node backup function
• Self-diagnosis function (hardware checking at startup)
• Echoback test and broadcast test (using the FINS command)
• Watchdog timer
• Error log function
• Node bypass function
• Transmission path duplication (for ring method in token-ring mode only)
• Disconnect detection and notification (token-ring mode only)
• Node connection configuration data reading (for ring method in token-ring
mode only)
• Duplex operation of Communications Units (See note 6.)
Error control
Manchester code check
CRC check (CCITT X16+X12+X5+1)


同様の部品番号 - CS1W-CLK

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CS1W-CLK13 OMRON-CS1W-CLK13 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

同様の説明 - CS1W-CLK

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com