データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1W-EIP21 データシート(PDF) 6 Page - Omron Electronics LLC

部品番号 CS1W-EIP21
部品情報  SYSMAC CS-series EtherNet/IP Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-EIP21 データシート(HTML) 6 Page - Omron Electronics LLC

  CS1W-EIP21 Datasheet HTML 1Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 2Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 3Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 4Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 5Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 6Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 7Page - Omron Electronics LLC CS1W-EIP21 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS1W-EIP21
6
Ethernet Unit Function Comparison
Dimensions
(Unit: mm)
CS1W-EIP21
Item
Support for function
Ethernet Unit
EtherNet/IP Unit or built-in EtherNet/IP port
Unit version 1.0
Unit version 2.0
Tag data link communications service
No
Yes
Yes
CIP message communications service
No
Yes
Yes
FINS/UDP service
Yes
Yes
Yes
FINS/TCP service
Yes
Yes
Yes
Socket service
Yes
No
No
File transfer (FTP)
Yes
No
Yes
Mail send/receive
Yes
No
No
Web functions
Yes
No
No
Automatic adjustment of PLC’s internal clock
Yes
No
Yes
Simple backup function
Yes
Yes
Yes
Error log
Yes
Yes
Yes
Response to PING command
Yes
Yes
Yes
SNMP/SNMP trap
No
No
Yes
CIDR function for IP addresses
No
No
Yes
Online connection by EtherNet/IP using CX-One
No
No
Yes
Online connection by Ethernet (FINS) using CX-One
Yes
Yes
Yes
Online connection by EtherNet/IP using Network Configurator
No
Yes
Yes
130mm
101mm
35mm


同様の部品番号 - CS1W-EIP21

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

同様の説明 - CS1W-EIP21

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
CS1W-CLK OMRON-CS1W-CLK Datasheet
1Mb / 15P
   SYSMAC CS-series Controller Link Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
logo
Festo Corporation.
8086610 FESTO-8086610 Datasheet
89Kb / 2P
   EtherNet/IP interface
logo
ABB
1SAJ262000R0100 ABB-1SAJ262000R0100 Datasheet
89Kb / 3P
   EIU32.0 EtherNet/IP Interface
logo
Beckhoff Automation Gmb...
EL6652 BECKHOFF-EL6652 Datasheet
118Kb / 1P
   EtherNet/IP master terminal
logo
List of Unclassifed Man...
140NOE77101 ETC2-140NOE77101 Datasheet
74Kb / 3P
   Ethernet network TCP/IP module
logo
Xilinx, Inc
DS323 XILINX-DS323 Datasheet
301Kb / 9P
   LogiCORE IP Ethernet Statistics v3.5
logo
Schneider Electric
VW3A3616 SCHNEIDER-VW3A3616 Datasheet
89Kb / 2P
   Ethernet TCP/IP communication module
Aug 11, 2019
logo
List of Unclassifed Man...
140NOE77111 ETC2-140NOE77111 Datasheet
74Kb / 3P
   Ethernet network TCP/IP module
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com