データシートサーチシステム |
|
CS1W-CLK52-V1 データシート(PDF) 8 Page - Omron Electronics LLC |
|
CS1W-CLK52-V1 データシート(HTML) 8 Page - Omron Electronics LLC |
8 / 15 page 8 CS1W-CLK Individual Specifications Controller Link Units Controller Link Support Boards (for PCI Bus) Install FinsGateway version 3 if the operating system is Windows NT 4.0 (Service pack 3 or higher), Windows ME, or Windows 98SE. In that case, however, the new functions of Controller Link Support Boards for the PCI Bus cannot be used (i.e., automatic data link creation with 1:N allocation, changing data link tables with active data links, 62-node setting for wired models, and maximum of 4000 send words). Repeater Units Repeater Units are used to expand the Controller Link network for wired models. For Wired-to-optical Repeater Units, always use a set of two (1:1). Optical Ring Controller Link Units and Boards cannot be connected to the optical cable section between Repeater Units. Item Specifications Model CS1W-CLK23 CS1W-CLK21-V1 CS1W-CLK13 CS1W-CLK12-V1 CS1W-CLK53 CS1W-CLK52-V1 Supported PLC All CS-series CPU Units Number of mountable Units Unit version 1.2 or later: 8 Units max., Pre-Ver. 1.2: 4 Units max. Installation site Install onto a CPU Backplane or CS-series Expansion Backplane (classified as a CPU Bus Unit). Storage location for network parameters and manually set data tables CPU Bus Unit Area (in the CPU Unit parameter area) Storage location for routing tables CPU Unit parameter area Weight 220 g 300 g (excluding mounting bracket) 300 g (excluding mounting bracket) Current consumption 5 V in PLC 0.33 A 0.52 A 0.65 A 26 V in PLC −− − External 24 V − 0.20 A 0.26 A Item Specifications Models 3G8F7-CLK23-E 3G8F7-CLK21-EV1 3G8F7-CLK13-E 3G8F7-CLK12-EV1 3G8F7-CLK53-E 3G8F7-CLK52-EV1 Applicable computers IBM PC/AT or compatible • CPU: Intel Celeron 400 MHz or better • Main memory: 128 MB minimum • One or more PCI bus slots (PCI bus revision 2.0 or higher, power supply: 5 V) • Available hard disk space: 70 MB min. • CD-ROM drive: One required for installation • Display: VGA (640 × 480 (pixels) min.) (Other conditions conform to the OS.) Compatible OS • FinsGateway Version 2003 Windows XP Professional Windows XP Home Edition Windows 2000 Professional • FinsGateway Version 3 Windows XP Professional Windows XP Home Edition Windows 2000 Professional Windows NT 4.0 (Service Pack 3 or higher) Windows ME Windows 98SE Weight 104 g 120 g (excluding mounting bracket) 124 g (excluding mounting bracket) Current consumption 5 V in PLC 0.35 A 0.54 A 0.60 A External 24 V − 0.35 A 0.35 A Item Specifications Model CS1W-RPT01 CS1W-RPT02 CS1W-RPT03 Supported Units and Boards All wired Controller Link Units and Boards Note: If a maximum of 62 nodes is used, models that support 62 nodes must be used. Transmission path Wire-to-wire Wire-to-optical (H-PCF) Wire-to-optical (GI) Transmission path format Multi-drop Tree 1:1 1:1 Installation Repeater Units are not mounted to the PLC. They are mounted separately with screws or on a DIN Track. Weight 126 g 113 g (excluding mounting bracket) 116 g (excluding mounting bracket) Allowable power supply voltage range 20.4 to 26.4 VDC (24 VDC −15 V to +10%) Current consumption 0.06 A at 24 VDC 0.06 A at 24 VDC 0.07 A at 24 VDC Inrush current 2.5 A max. (24 VDC with rise time of 5 ms) |
同様の部品番号 - CS1W-CLK52-V1 |
|
同様の説明 - CS1W-CLK52-V1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |