データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUC2G241DCURE4 データシート(PDF) 2 Page - Texas Instruments

部品番号 74AUC2G241DCURE4
部品情報  DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74AUC2G241DCURE4 データシート(HTML) 2 Page - Texas Instruments

  74AUC2G241DCURE4 Datasheet HTML 1Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 2Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 3Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 4Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 5Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 6Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 7Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 8Page - Texas Instruments 74AUC2G241DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1
2
7
5
3
6
1A
1Y
2A
2Y
1OE
2OE
SN74AUC2G241
DUAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES535C – DECEMBER 2003 – REVISED JANUARY 2007
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor, and OE should be tied to GND through a pulldown resistor; the minimum value of the resistor is
determined by the current-sinking/current-sourcing capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
For more information about AUC Little Logic devices, please refer to the TI application report, Applications of
Texas Instruments AUC Sub-1-V Little Logic Devices, literature number SCEA027.
FUNCTION TABLES
INPUTS
OUTPUT
1Y
1OE
1A
L
H
H
L
L
L
H
X
Z
INPUTS
OUTPUT
2Y
2OE
2A
H
H
H
H
L
L
L
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback


同様の部品番号 - 74AUC2G241DCURE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AUC2G241DCURE4 TI-74AUC2G241DCURE4 Datasheet
266Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74AUC2G241DCURE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN64BCT306 TI-SN64BCT306 Datasheet
90Kb / 6P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240 Datasheet
432Kb / 12P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G241 TI-SN74LVC2G241 Datasheet
380Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G241 TI-SN74AUC2G241_08 Datasheet
427Kb / 14P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI1-SN74LVC2G240_16 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
SN74AUC2G241 TI-SN74AUC2G241 Datasheet
266Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC2G240 TI-SN74LVC2G240 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240_15 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com