データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC574 データシート(PDF) 4 Page - ON Semiconductor

部品番号 74HC574
部品情報  Octal 3?뭆tate Noninverting D Flip?묯lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HC574 データシート(HTML) 4 Page - ON Semiconductor

  74HC574 Datasheet HTML 1Page - ON Semiconductor 74HC574 Datasheet HTML 2Page - ON Semiconductor 74HC574 Datasheet HTML 3Page - ON Semiconductor 74HC574 Datasheet HTML 4Page - ON Semiconductor 74HC574 Datasheet HTML 5Page - ON Semiconductor 74HC574 Datasheet HTML 6Page - ON Semiconductor 74HC574 Datasheet HTML 7Page - ON Semiconductor 74HC574 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74HC574
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
(V)
Guaranteed Limit
Symbol
Parameter
Test Conditions
*55 to 25_C
v85_C
v125_C
Unit
VIH
Minimum High−Level Input
Voltage
Vout = VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.2
3.7
5.2
V
VOL
Maximum Low−Level Output
Voltage
Vin = VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIL
|Iout| v 2.4 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.4
0.4
0.4
Iin
Maximum Input Leakage
Current
Vin = VCC or GND
6.0
$0.1
$1.0
$1.0
mA
IOZ
Maximum Three−State
Leakage Current
Output in High−Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
$0.5
$5.0
$10
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
40
mA
7. Information on typical parametric values can be found in the ON Semiconductor High−Speed CMOS Data Book (DL129/D).


同様の部品番号 - 74HC574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC574 PHILIPS-74HC574 Datasheet
57Kb / 7P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
74HC574-Q100 NEXPERIA-74HC574-Q100 Datasheet
785Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
74HC574BQ NEXPERIA-74HC574BQ Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74HC574D PHILIPS-74HC574D Datasheet
57Kb / 7P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
More results

同様の説明 - 74HC574

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
74HC374 ONSEMI-74HC374 Datasheet
130Kb / 9P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop
March, 2007 ??Rev. 0
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHC574 ONSEMI-MC74VHC574 Datasheet
168Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
MC74ACT564 ONSEMI-MC74ACT564 Datasheet
81Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 3
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com