データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1027ARQ-REEL データシート(PDF) 11 Page - ON Semiconductor

部品番号 ADM1027ARQ-REEL
部品情報  dBCOOL??Remote Thermal Controller and Voltage Monitor
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1027ARQ-REEL データシート(HTML) 11 Page - ON Semiconductor

Back Button ADM1027ARQ-REEL Datasheet HTML 7Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 8Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 9Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 10Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 11Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 12Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 13Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 14Page - ON Semiconductor ADM1027ARQ-REEL Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
REV. A
ADM1027
–11–
5. Once the ADM1027 has responded to the alert response
address, the master must read the status registers and the
SMBALERT will only be cleared if the error condition has
gone away.
SMBus Timeout
The ADM1027 includes an SMBus timeout feature. If there is
no SMBus activity for a minimum of 15 ms and a maximum of
35 ms, the ADM1027 assumes that the bus is locked and releases
the bus. This prevents the device from locking or holding the
SMBus expecting data. Some SMBus controllers cannot handle
the SMBus timeout feature, so it can be disabled.
CONFIGURATION REGISTER 1 – Register 0x40
<6> TODIS = 0;
SMBus timeout enabled (default)
<6> TODIS = 1;
SMBus timeout disabled
VOLTAGE MEASUREMENT INPUTS
The ADM1027 has four external voltage measurement channels.
It can also measure its own supply voltage, VCC.
Pins 20 to 23 are dedicated to measuring 5 V, 12 V, 2.5 V supplies
and the processor core voltage VCCP (0 V to 3 V input). The
VCC supply voltage measurement is carried out through the VCC
pin (Pin 4). Setting Bit 7 of Configuration Register 1 (Reg. 0x40)
allows a 5 V supply to power the ADM1027 and be measured
without overranging the VCC measurement channel. The 2.5 V
input can be used to monitor a chipset supply voltage in com-
puter systems.
ANALOG-TO-DIGITAL CONVERTER
All analog inputs are multiplexed into the on-chip, successive
approximation, analog-to-digital converter. This has a resolu-
tion of 10 bits. The basic input range is 0 V to 2.25 V, but the
inputs have built-in attenuators to allow measurement of 2.5 V,
3.3 V, 5 V, 12 V and the processor core voltage VCCP, without
any external components. To allow for the tolerance of these
supply voltages, the ADC produces an output of 3/4 full scale
(768 decimal or 300 hex) for the nominal input voltage, and so
has adequate headroom to cope with overvoltages.
INPUT CIRCUITRY
The internal structure for the analog inputs is shown in Figure 12.
Each input circuit consists of an input protection diode, an
attenuator, and a capacitor to form a first order low-pass filter
that gives the input immunity to high frequency noise.
VOLTAGE MEASUREMENT REGISTERS
Reg. 0x20 2.5 V Reading = 0x00 default
Reg. 0x21 VCCP Reading = 0x00 default
Reg. 0x22 VCC Reading = 0x00 default
Reg. 0x23 5 V Reading = 0x00 default
Reg. 0x24 12 V Reading = 0x00 default
VOLTAGE MEASUREMENT LIMIT REGISTERS
Associated with each voltage measurement channel are high and
low limit registers. Exceeding the programmed high or low limit
causes the appropriate status bit to be set. Exceeding either limit
can also generate SMBALERT interrupts.
Reg. 0x44 2.5 V Low Limit = 0x00 default
Reg. 0x45 2.5 V High Limit = 0xFF default
Reg. 0x46 VCCP Low Limit = 0x00 default
Reg. 0x47 VCCP High Limit = 0xFF default
Reg. 0x48 VCC Low Limit = 0x00 default
Reg. 0x49 VCC High Limit = 0xFF default
Reg. 0x4A 5 V Low Limit = 0x00 default
Reg. 0x4B 5 V High Limit = 0xFF default
Reg. 0x4C 12 V Low Limit = 0x00 default
Reg. 0x4D 12 V High Limit = 0xFF default
30pF
120k
30pF
93k
MUX
30pF
68k
30pF
45k
105k
35pF
35k
94k
71k
47k
20k
12VIN
5VIN
3.3VIN
2.5VIN
VCCPIN
Figure 12. Structure of Analog Inputs
Table II shows the input ranges of the analog inputs and output
codes of the 10-bit A/D converter.
When the ADC is running, it samples and converts a voltage
input in 711 ms, and averages 16 conversions to reduce noise.
Therefore a measurement on any input takes nominally 11.38 ms.
Rev. 3 | Page 11 of 56 | www.onsemi.com


同様の部品番号 - ADM1027ARQ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
More results

同様の説明 - ADM1027ARQ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7466 AD-ADT7466 Datasheet
1Mb / 48P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com