データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G125DCKTG4 データシート(PDF) 8 Page - Texas Instruments

部品番号 74AUP1G125DCKTG4
部品情報  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74AUP1G125DCKTG4 データシート(HTML) 8 Page - Texas Instruments

Back Button 74AUP1G125DCKTG4 Datasheet HTML 4Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 5Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 6Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 7Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 8Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 9Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 10Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 11Page - Texas Instruments 74AUP1G125DCKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN74AUP1G125
SCES595J – JULY 2004 – REVISED MARCH 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
29
1.2 V ± 0.1 V
7.4
12
18.7
6.6
21.4
1.5 V ± 0.1 V
5.7
8.6
12.5
4.9
14.7
tpd
A or B
Y
ns
1.8 V ± 0.15 V
4.8
6.9
10.1
3.1
12
2.5 V ± 0.2 V
3.9
5.1
7.2
3.3
8.7
3.3 V ± 0.3 V
3.5
4.8
6
3
7
0.8 V
33.4
1.2 V ± 0.1 V
8.8
14.1
21.8
7.4
25.5
1.5 V ± 0.1 V
6.9
10.1
14.6
5.6
17.4
ten
OE
Y
ns
1.8 V ± 0.15 V
5.6
8.1
12
4.7
14.1
2.5 V ± 0.2 V
4.3
6.1
8.5
3.8
10
3.3 V ± 0.3 V
3.7
5.2
7.1
3.4
8.3
0.8 V
17.7
1.2 V ± 0.1 V
5.8
10
16
3.7
16
1.5 V ± 0.1 V
5.7
7.7
10.9
1
10.7
tdis
OE
Y
ns
1.8 V ± 0.15 V
4.5
7.7
9.8
4.4
12.5
2.5 V ± 0.2 V
3.9
5.6
7.4
3.2
9
3.3 V ± 0.3 V
3.3
8.4
10.7
6.6
10.8
OPERATING CHARACTERISTICS
TA = 25°c
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
3.8
1.2 V ± 0.1 V
3.8
1.5 V ± 0.1 V
3.7
Outputs enabled
f = 10 MHz
1.8 V ± 0.15 V
3.8
2.5 V ± 0.2 V
3.9
3.3 V ± 0.3 V
4
Cpd
Power dissipation capacitance
pF
0.8 V
0
1.2 V ± 0.1 V
0
1.5 V ± 0.1 V
0
Outputs disabled
f = 10 MHz
1.8 V ± 0.15 V
0
2.5 V ± 0.2 V
0
3.3 V ± 0.3 V
0
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G125


同様の部品番号 - 74AUP1G125DCKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AUP1G125DCKTG4 TI-74AUP1G125DCKTG4 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G125DCKTG4 TI1-74AUP1G125DCKTG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

同様の説明 - 74AUP1G125DCKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com