データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847BTT1 データシート(PDF) 1 Page - ON Semiconductor

部品番号 BC847BTT1
部品情報  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BTT1 データシート(HTML) 1 Page - ON Semiconductor

  BC847BTT1 Datasheet HTML 1Page - ON Semiconductor BC847BTT1 Datasheet HTML 2Page - ON Semiconductor BC847BTT1 Datasheet HTML 3Page - ON Semiconductor BC847BTT1 Datasheet HTML 4Page - ON Semiconductor BC847BTT1 Datasheet HTML 5Page - ON Semiconductor BC847BTT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 1
1
Publication Order Number:
BC847ATT1/D
BC847ATT1, BC847BTT1,
BC847CTT1
General Purpose
Transistors
NPN Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SC−75/SOT−416 package which
is designed for low power surface mount applications.
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
45
V
Collector−Base Voltage
VCBO
50
V
Emitter−Base Voltage
VEBO
6.0
V
Collector Current − Continuous
IC
100
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation,
FR−4 Board (Note 1)
TA = 25°C
Derated above 25
°C
PD
200
1.6
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient (Note 1)
RqJA
600
°C/W
Total Device Dissipation,
FR−4 Board (Note 2)
TA = 25°C
Derated above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJA
400
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
1. FR−4 @ min pad.
2. FR−4 @ 1.0
× 1.0 in pad.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CASE 463
SC−75/SOT−41
6
STYLE 1
MARKING DIAGRAM
3
2
1
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
xxM
xx = Device Code
M = Date Code
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


同様の部品番号 - BC847BTT1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC847BTT1 ONSEMI-BC847BTT1 Datasheet
72Kb / 6P
   General Purpose Transistors
November, 2014 ??Rev. 3
BC847BTT1G ONSEMI-BC847BTT1G Datasheet
72Kb / 6P
   General Purpose Transistors
November, 2014 ??Rev. 3
More results

同様の説明 - BC847BTT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com