データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD179G データシート(PDF) 3 Page - ON Semiconductor

部品番号 BD179G
部品情報  Plastic Medium-Power NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD179G データシート(HTML) 3 Page - ON Semiconductor

  BD179G Datasheet HTML 1Page - ON Semiconductor BD179G Datasheet HTML 2Page - ON Semiconductor BD179G Datasheet HTML 3Page - ON Semiconductor BD179G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD179
http://onsemi.com
3
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0
0.2
0.8
0.6
0.4
0.2
1.0
2.0
10
30
50
200
IC = 0.1 A
0.25 A
1.0 A
0.5 A
0.3
0.5
100
20
3.0
5.0
TJ = 25°C
1000
Figure 3. Current Gain
IC, COLLECTOR CURRENT (mA)
10
100
TJ = + 150°C
TJ = + 55°C
VCE = 2.0 V
700
500
300
200
70
50
30
20
TJ = + 25°C
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
Figure 4. “On” Voltages
0
1.5
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
1.2
0.9
0.6
0.3
IC, COLLECTOR CURRENT (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. Thermal Response
t, TIME or PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
1000
500
qJC(t) = r(t) qJC
qJC = 4.16°C/W MAX
qJC = 3.5°C/W TYP
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
D = 0.2
D = 0.1
D = 0.05
D = 0.01


同様の部品番号 - BD179G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BD179G ONSEMI-BD179G Datasheet
101Kb / 4P
   Plastic Medium-Power Silicon NPN Transistor
Noember, 2013 ??Rev. 15
More results

同様の説明 - BD179G

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com