データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C32 データシート(PDF) 2 Page - ON Semiconductor

部品番号 CAT24C32
部品情報  32-Kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C32 データシート(HTML) 2 Page - ON Semiconductor

  CAT24C32 Datasheet HTML 1Page - ON Semiconductor CAT24C32 Datasheet HTML 2Page - ON Semiconductor CAT24C32 Datasheet HTML 3Page - ON Semiconductor CAT24C32 Datasheet HTML 4Page - ON Semiconductor CAT24C32 Datasheet HTML 5Page - ON Semiconductor CAT24C32 Datasheet HTML 6Page - ON Semiconductor CAT24C32 Datasheet HTML 7Page - ON Semiconductor CAT24C32 Datasheet HTML 8Page - ON Semiconductor CAT24C32 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT24C32
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Storage Temperature
–65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
–0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program/Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −20°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz
1
mA
ICCW
Write Current
Write, fSCL = 400 kHz
2
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
VCC ≤ 3.3 V
1
mA
TA = −40°C to +85°C
VCC > 3.3 V
3
TA = −40°C to +125°C
5
IL
I/O Pin Leakage
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
−0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
VCC < 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
Table 4. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C and VCC = 1.7 V to 5.5 V, TA = −20°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA I/O Pin Capacitance
VIN = 0 V, TA = 25°C, f = 1.0 MHz
8
pF
CIN (Note 4)
Input Capacitance (other pins)
VIN = 0 V, TA = 25°C, f = 1.0 MHz
6
pF
IWP (Note 5)
WP Input Current
VIN < VIH, VCC = 5.5 V
130
mA
VIN < VIH, VCC = 3.3 V
120
VIN < VIH, VCC = 1.8 V
80
VIN < VIH
2
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively strong;
therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power, as
the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.


同様の部品番号 - CAT24C32

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
CAT24C32 ONSEMI-CAT24C32 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
logo
Catalyst Semiconductor
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
More results

同様の説明 - CAT24C32

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com