データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24AA08WI-T10 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CAT24AA08WI-T10
部品情報  4-Kb and 8-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24AA08WI-T10 データシート(HTML) 1 Page - ON Semiconductor

  CAT24AA08WI-T10 Datasheet HTML 1Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 2Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 3Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 4Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 5Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 6Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 7Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 8Page - ON Semiconductor CAT24AA08WI-T10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 1
1
Publication Order Number:
CAT24AA04/D
CAT24AA04, CAT24AA08
4-Kb and 8-Kb I2C CMOS
Serial EEPROM
Description
The CAT24AA04/24AA08 are 4−Kb and 8−Kb CMOS Serial
EEPROM devices internally organized as 512x8/1024x8 bits.
They feature a 16−byte page write buffer and support 100 kHz,
400 kHz and 1 MHz I2C protocols.
In contrast to the CAT24C04/24C08, the CAT24AA04/24AA08
have no external address pins, and are therefore suitable in
applications that require a single CAT24AA04/08 on the I2C bus.
Features
Standard and Fast I2C Protocol Compatible
Supports 1 MHz Clock Frequency
1.7 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial Temperature Range
TSOT−23 5−lead and SOIC 8−lead Packages
These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SDA
SCL
WP
CAT24AA08
CAT24AA04
VCC
VSS
Figure 1. Functional Symbol
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
PIN CONFIGURATIONS
SDA
SCL
WP
VCC
VSS
NC
NC
NC
1
(Top View)
SOIC−8
W SUFFIX
CASE 751BD
TSOT−23
TB SUFFIX
CASE 419AE
2
3
4
8
7
6
5
VCC
WP
SDA
VSS
SCL
1
(Top View)
2
3
5
4
SOIC
TSOT−23
PIN FUNCTION
Pin Name
SDA
Function
Serial Data/Address
SCL
Clock Input
WP
Write Protect
VCC
Power Supply
VSS
Ground
NC
No Connect


同様の部品番号 - CAT24AA08WI-T10

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
logo
Catalyst Semiconductor
CAT24AA01TDI-10 CATALYST-CAT24AA01TDI-10 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
CAT24AA01TDI-3 CATALYST-CAT24AA01TDI-3 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
More results

同様の説明 - CAT24AA08WI-T10

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com