データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C208 データシート(PDF) 6 Page - ON Semiconductor

部品番号 CAT24C208
部品情報  8 kb Dual Port Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C208 データシート(HTML) 6 Page - ON Semiconductor

Back Button CAT24C208 Datasheet HTML 2Page - ON Semiconductor CAT24C208 Datasheet HTML 3Page - ON Semiconductor CAT24C208 Datasheet HTML 4Page - ON Semiconductor CAT24C208 Datasheet HTML 5Page - ON Semiconductor CAT24C208 Datasheet HTML 6Page - ON Semiconductor CAT24C208 Datasheet HTML 7Page - ON Semiconductor CAT24C208 Datasheet HTML 8Page - ON Semiconductor CAT24C208 Datasheet HTML 9Page - ON Semiconductor CAT24C208 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT24C208
http://onsemi.com
6
Figure 6. Random Access Read (Segment 00h only)
WORD OFFSET
START
1010 0000
ACK
A7 − A0 ADDRESS
ACK
START
1010 0001
ACK
DATA
NOACK
STOP
Figure 7. Sequential Read (Segment 00h only)
WORD OFFSET
START 1010 0000 ACK A7 − A0 ADDRESS ACK START 1010 0001 ACK DATA0 ACK ......... DATAN NOACK STOP
Figures 8 and 9 show the byte and page write respectively. The configuration register must have the WE bit set to 1 prior
to any write on DDC Port. Only the segment 00h can be accessed of either lower or upper bank.
Figure 8. Byte Write (Segment 00h only)
WORD OFFSET
START
1010 0000
ACK
A7 − A0 ADDRESS
ACK
ACK
DATA
STOP
Figure 9. Page Write (Segment 00h only)
WORD OFFSET
START
1010 0000
ACK
A7 − A0 ADDRESS
ACK
DATA0
ACK
.........
DATA15
ACK
STOP
The segment pointer is at the address 60h and is
write−only. This means that a memory access at 61h will
give undefined results. The segment pointer is a volatile
register. The device configuration register at 62/63 (hex) is
a non−volatile register. The configuration register will be
shipped in the erased (set to FFh) state.
The segment pointer is used to expand the available DDC
address space while maintaining backward compatibility
with older DDC interfaces such as DDC2B. For each value
of the 8−bit segment pointer one segment (256 bytes) is
available at the A0/A1 pair. The standard DDC 8−bit address
is sufficient to address each of the 256 bytes within a
segment. Note that if the segment pointer is set to 00h then
the device will behave like a standard DDC2B EEPROM.
Read and write with segment pointer can expand the
addressable memory to 512 bytes in each bank with
wraparound to the next segment in the same bank only. The
two banks can be individually selected by the configuration
register and EDID Sel pin, as shown in Table 10. The
segments are selected by the two bits S1S0= 00 or 01 in the
segment address.
Figures 10 to 13 show the random read, sequential read,
byte write and page write.
Figure 10. Random Access Read
START
1010 0000
ACK
A7 − A0 ADDRESS
ACK
START 1010 0001 ACK
DATA NOACK STOP
START
0110 0000
ACK
ACK
xxxx xxS1S0 Segment ADDRESS
Figure 11. Sequential Read
START 1010 0000 ACK
A7 − A0 ADDRESS
ACK
START 1010 0001 ACK DATA0 ACK ......... DATAN NOACK STOP
START 0110 0000 ACK
ACK
xxxx xxS1S0 Segment ADDRESS
Figure 12. Byte Write
START 1010 0000 ACK
A7 − A0 ADDRESS
ACK
DATA
ACK
STOP
START 0110 0000 ACK
ACK
xxxx xxS1S0 Segment ADDRESS
Figure 13. Page Write
START 1010 0000 ACK
A7 − A0 ADDRESS
ACK
DATA0
ACK
.........
DATA15
ACK
STOP
START 0110 0000 ACK
ACK
xxxx xxS1S0 Segment ADDRESS


同様の部品番号 - CAT24C208

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WI-GT3 CATALYST-CAT24C208WI-GT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208WI-GT3 ONSEMI-CAT24C208WI-GT3 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WIT3 CATALYST-CAT24C208WIT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
More results

同様の説明 - CAT24C208

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208_18 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
CAT93C76 ONSEMI-CAT93C76_18 Datasheet
325Kb / 15P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.5
CAT93C76 ONSEMI-CAT93C76 Datasheet
166Kb / 12P
   8-Kb Microwire Serial EEPROM
August, 2009 ??Rev. 3
CAT93C76 ONSEMI-CAT93C76_13 Datasheet
161Kb / 11P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 4
CAT93C76B ONSEMI-CAT93C76B_18 Datasheet
206Kb / 14P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev.1
NV93C76WF ONSEMI-NV93C76WF Datasheet
186Kb / 11P
   EEPROM Serial 8-Kb Microwire
May, 2018 ??Rev. 1
CAT93C76B ONSEMI-CAT93C76B Datasheet
176Kb / 13P
   8-Kb Microwire Serial EEPROM
October, 2013 ??Rev. 0
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com