データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C21LE-T3 データシート(PDF) 5 Page - ON Semiconductor

部品番号 CAT24C21LE-T3
部品情報  1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C21LE-T3 データシート(HTML) 5 Page - ON Semiconductor

  CAT24C21LE-T3 Datasheet HTML 1Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 2Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 3Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 4Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 5Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 6Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 7Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 8Page - ON Semiconductor CAT24C21LE-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT24C21
http://onsemi.com
5
Bi−Directional Mode (DDC2)
The following defines the features of the I2C bus protocol
in bi−directional mode (Figure 5):
1. Data transfer may be initiated only when the bus is
not busy.
2. During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is high
will be interpreted as a START or STOP condition.
When in the bi−directional mode, all inputs to the VCLK
pin are ignored, except when a logic high is required to
enable write capability.
START Condition
The START condition (Figure 7) precedes all commands
to the device, and is defined as a HIGH to LOW transition
of SDA when SCL is HIGH. The CAT24C21 monitors the
SDA and SCL lines and will not respond until this condition
is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
Device Addressing
The bus Master begins a transmission by sending a
START condition. The Master then sends the address of the
particular slave device it is requesting. The four most
significant bits of the 8−bit slave address are fixed as 1010
for the CAT24C21 (see Figure 9). The next three significant
bits are “don’t care”. The last bit of the slave address
specifies whether a Read or Write operation is to be
performed. When this bit is set to 1, a Read operation is
selected, and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24C21 monitors the bus and responds
with an acknowledge (on the SDA line) when its address
matches the transmitted slave address. The CAT24C21 then
performs a Read or Write operation depending on the state
of the R/
W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge (ACK). The
acknowledging device pulls down the SDA line during the
ninth clock cycle, signaling that it has received the 8 bits of
data (Figure 8).
The CAT24C21 responds with an ACK after receiving a
START condition and its slave address. If the device has
been selected along with a write operation, it responds with
an ACK after receiving each 8−bit byte.
When the CAT24C21 is in a READ mode it transmits 8
bits of data, releases the SDA line, and monitors the line for
an ACK. Once it receives this ACK, the CAT24C21 will
continue to transmit data. If no ACK is sent by the Master,
the device terminates data transmission and waits for a
STOP condition.
Write Operations
VCLK must be held high in order to program the device.
This applies to byte write and page write operation. Once the
device is in its self−timed program cycle, VCLK can go low
and not affect programming.
Byte Write
In the Byte Write mode (Figure 10), the Master device
sends the START condition and the slave address
information (with the R/
W bit set to zero) to the Slave
device. After the Slave generates an ACK, the Master sends
the byte address that is to be written into the address pointer
of the CAT24C21. After receiving another ACK from the
Slave, the Master device transmits the data byte to be written
into the addressed memory location. The CAT24C21
acknowledges once more and the Master generates the
STOP condition, at which time the device begins its internal
programming cycle to nonvolatile memory (Figure 6).
While this internal cycle is in progress, the device will not
respond to any request from the Master device.
Figure 5. Bus Timing
SCL
SDA IN
SDA OUT
tSU:STA
tF
tHD:STA
tAA
tHD:DAT
tLOW
tHIGH
tLOW
tR
tSU:DAT
tDH
tSU:STO
tBUF


同様の部品番号 - CAT24C21LE-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24C21LE ONSEMI-CAT24C21LE Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21LETE13 CATALYST-CAT24C21LETE13 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
More results

同様の説明 - CAT24C21LE-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
logo
Catalyst Semiconductor
CAT24C21 CATALYST-CAT24C21 Datasheet
66Kb / 12P
   1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com