データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C02TDE-GT3 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CAT24C02TDE-GT3
部品情報  1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C02TDE-GT3 データシート(HTML) 1 Page - ON Semiconductor

  CAT24C02TDE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C02TDE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 11
1
Publication Order Number:
CAT24C01/D
CAT24C01, CAT24C02,
CAT24C04, CAT24C08,
CAT24C16
1-Kb, 2-Kb, 4-Kb, 8-Kb and
16-Kb I2C CMOS Serial
EEPROM
Description
The CAT24C01/02/04/08/16 are 1−Kb, 2−Kb, 4−Kb, 8−Kb and
16−Kb respectively CMOS Serial EEPROM devices organized
internally as 8/16/32/64 and 128 pages respectively of 16 bytes each.
All devices support both the Standard (100 kHz) as well as Fast
(400 kHz) I2C protocol.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address up to eight
CAT24C01 or CAT24C02, four CAT24C04, two CAT24C08 and one
CAT24C16 device on the same bus.
Features
Supports Standard and Fast I2C Protocol
1.7 V to 5.5 V Supply Voltage Range
16−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
SCL
WP
CAT24Cxx
Figure 1. Functional Symbol
VSS
SDA
VCC
A2, A1, A0
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
TSOT−23
TB SUFFIX
CASE 419AE
PDIP−8
L SUFFIX
CASE 646AA
TSSOP8
Y SUFFIX
CASE 948AL
MSOP 8
Z SUFFIX
CASE 846AD
TDFN8
VP2 SUFFIX
CASE 511AK
VCC
WP
SDA
VSS
SCL
1
2
3
5
4
TSOT−23
PIN CONFIGURATIONS
(Top Views)
SDA
SCL
WP
VCC
VSS
1
2
3
4
8
7
6
5
PDIP (L), SOIC (W), TSSOP (Y),
MSOP (Z), TDFN (VP2)
PIN FUNCTION
Pin Name
A0, A1, A2
Function
Device Address Input
SDA
Serial Data Input/Output
SCL
Serial Clock Input
WP
Write Protect Input
VCC
Power Supply
VSS
Ground
NC
No Connect
CAT24C__
16 / 08 / 04 / 02 / 01
NC ///
/
NC NC
NC NC
NC
A0 A0
A1 A1 A1
A2 A2 A2
A2
///
/
///
/


同様の部品番号 - CAT24C02TDE-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24C02TDE-GT3 ONSEMI-CAT24C02TDE-GT3 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
CAT24C02TDE-GT3A ONSEMI-CAT24C02TDE-GT3A Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

同様の説明 - CAT24C02TDE-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C04LI-G ONSEMI-CAT24C04LI-G Datasheet
247Kb / 22P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com