データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25128VP2I-GT3 データシート(PDF) 7 Page - ON Semiconductor

部品番号 CAT25128VP2I-GT3
部品情報  128-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128VP2I-GT3 データシート(HTML) 7 Page - ON Semiconductor

Back Button CAT25128VP2I-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 9Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 10Page - ON Semiconductor CAT25128VP2I-GT3 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT25128
http://onsemi.com
7
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and data as shown in Figure 5. Only 14 significant address
bits are used by the CAT25128. The rest are don’t care bits,
as shown in Table 11. Internal programming will start after
the low to high CS transition. During an internal write cycle,
all commands, except for RDSR (Read Status Register) will
be ignored. The RDY bit will indicate if the internal write
cycle is in progress (RDY high), or the device is ready to
accept commands (RDY low).
Page Write
After sending the first data byte to the CAT25128, the host
may continue sending data, up to a total of 64 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25128 is
automatically returned to the write disable state.
Table 11. BYTE ADDRESS
Device
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulses
CAT25128
A13 − A0
A15 − A14
16
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
00
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
01
23
45
67
8
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21 22 23 24 25 26 27 28 29 30 31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 11)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
00
0
1
0
BYTE ADDRESS*
Data
Byte 1
01
23
45
67
8
21 22 23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 11)


同様の部品番号 - CAT25128VP2I-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25128VP2I-GT3 ONSEMI-CAT25128VP2I-GT3 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VP2I-GT3 ONSEMI-CAT25128VP2I-GT3 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
More results

同様の説明 - CAT25128VP2I-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com