データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSH81 データシート(PDF) 1 Page - STMicroelectronics

部品番号 TSH81
部品情報  Wide band rail-to-rail operational amplifier with standby function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH81 データシート(HTML) 1 Page - STMicroelectronics

  TSH81 Datasheet HTML 1Page - STMicroelectronics TSH81 Datasheet HTML 2Page - STMicroelectronics TSH81 Datasheet HTML 3Page - STMicroelectronics TSH81 Datasheet HTML 4Page - STMicroelectronics TSH81 Datasheet HTML 5Page - STMicroelectronics TSH81 Datasheet HTML 6Page - STMicroelectronics TSH81 Datasheet HTML 7Page - STMicroelectronics TSH81 Datasheet HTML 8Page - STMicroelectronics TSH81 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
May 2009
Doc ID 9413 Rev 5
1/27
27
TSH80, TSH81, TSH82, TSH84
Wide band rail-to-rail operational amplifier with standby function
Features
Operating range from 4.5 to 12 V
3 dB-bandwidth: 100 MHz
Slew-rate 100 V/
μs
Output current up to 55 mA
Input single supply voltage
Output rail-to-rail
Specified for 150
Ω loads
Low distortion, THD 0.1%
SOT23-5, TSSOP and SO packages
Applications
Video buffers
A/D converter drivers
Hi-fi applications
Description
The TSH8x series offers single, dual and quad
operational amplifiers featuring high video
performance with large bandwidth, low distortion
and excellent supply voltage rejection. These
amplifiers also feature large output voltage swings
and a high output current capability to drive
standard 150
Ω loads.
Running at single or dual supply voltages ranging
from 4.5 to 12 V, these amplifiers are tested at 5 V
(±2.5 V) and 10 V (±5 V) supplies.
The TSH81 also features a standby mode, which
provides the operational amplifier with a low
power consumption and high output impedance.
This function allows power saving or signal
switching/multiplexing for high-speed and video
applications.
For board space and weight saving, the TSH8x
series is proposed in SOT23-5, TSSOP8, SO-8
and TSSOP14 plastic micropackages.
SO-8
SOT23-5
TSSOP8
Pin connections TSH80/SOT23-5
1
2
3
5
4
V
CC-
V
CC+
+ -
Non-inv. input
Inv. input
Output 1
2
3
5
4
V
CC-
V
CC+
+ -
Non-inv. input
Inv. input
Output
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. input
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. input
Pin connections TSH81 SO-8/TSSOP8
Pin connections TSH82 SO-8/TSSOP8
V
CC-
V
CC+
1
2
3
5
4
8
7
6
Non inv. input1
Inverting input1
Output2
+
_
Output1
Non inv. input2
Inverting input2
+
_
V
CC-
V
CC+
1
2
3
5
4
8
7
6
Non inv. input1
Inverting input1
Output2
+
_
Output1
Non inv. input2
Inverting input2
+
_
Pin connections TSH80/SO-8
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non inverting Input
Inverting input
Output
+
_
V
CC-
V
CC+
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non inverting Input
Inverting input
Output
+
_
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
Pin connections TSH84 TSSOP14
www.st.com


同様の部品番号 - TSH81

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TSH81 STMICROELECTRONICS-TSH81 Datasheet
430Kb / 23P
   Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
TSH81 STMICROELECTRONICS-TSH81 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
TSH81 STMICROELECTRONICS-TSH81 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH81DT STMICROELECTRONICS-TSH81DT Datasheet
430Kb / 23P
   Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
TSH81I STMICROELECTRONICS-TSH81I Datasheet
430Kb / 23P
   Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
More results

同様の説明 - TSH81

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
   Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
April 1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
   Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
   Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com