データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25256CAA8I-GT3 データシート(PDF) 3 Page - ON Semiconductor

部品番号 CAT25256CAA8I-GT3
部品情報  256-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25256CAA8I-GT3 データシート(HTML) 3 Page - ON Semiconductor

  CAT25256CAA8I-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25256CAA8I-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT25256
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (TA = −40°C to +85°C (Industrial) and TA = −40°C to +125°C (Extended).) (Notes 4, 7)
Symbol
Parameter
VCC = 1.8 V − 5.5 V / −405C to +855C
VCC = 2.5 V − 5.5 V / −405C to +1255C
VCC = 2.5 V − 5.5 V
−405C to +855C
Units
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
40
20
ns
tH
Data Hold Time
40
20
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD to Output Low Z
50
25
ns
tRI (Note 5)
Input Rise Time
2
2
ms
tFI (Note 5)
Input Fall Time
2
2
ms
tHD
HOLD Setup Time
0
0
ns
tCD
HOLD Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD to Output High Z
100
25
ns
tCS
CS High Time
50
20
ns
tCSS
CS Setup Time
20
15
ns
tCSH
CS Hold Time
30
20
ns
tCNS
CS Inactive Setup Time
20
15
ns
tCNH
CS Inactive Hold Time
20
15
ns
tWPS
WP Setup Time
10
10
ns
tWPH
WP Hold Time
100
60
ns
tWC (Note 6)
Write Cycle Time
5
5
ms
4. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 50 pF
5. This parameter is tested initially and after a design or process change that affects the parameter.
6. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
7. All Chip Select (CS) timing parameters are defined relative to the positive clock edge (Figure 2). tCSH timing specification is valid
for die revision C and higher. The die revision C is identified by letter “C” or a dedicated marking code on top of the package. For
previous product revision (Rev. B) the tCSH is defined relative to the negative clock edge (please refer to data sheet
Doc. No. MD-1127 Rev. B).
Table 6. POWER−UP TIMING (Notes 5, 8)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
8. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


同様の部品番号 - CAT25256CAA8I-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256 ONSEMI-CAT25256 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT25256HU4E-GT3 ONSEMI-CAT25256HU4E-GT3 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256HU4E.GT3 ONSEMI-CAT25256HU4E.GT3 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results

同様の説明 - CAT25256CAA8I-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT25256LI-G ONSEMI-CAT25256LI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256VI-G ONSEMI-CAT25256VI-G Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_12 Datasheet
219Kb / 20P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
NV25256WF ONSEMI-NV25256WF Datasheet
104Kb / 12P
   256-Kb SPI Serial Automotive EEPROM
January, 2018 ??Rev. 1
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com