データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14027B データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC14027B
部品情報  Dual J-K Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14027B データシート(HTML) 3 Page - Motorola, Inc

  MC14027B Datasheet HTML 1Page - Motorola, Inc MC14027B Datasheet HTML 2Page - Motorola, Inc MC14027B Datasheet HTML 3Page - Motorola, Inc MC14027B Datasheet HTML 4Page - Motorola, Inc MC14027B Datasheet HTML 5Page - Motorola, Inc MC14027B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
109
MC14027B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 12.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Times**
Clock to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
tPLH,
tPHL
5.0
10
15
175
75
50
350
150
100
ns
Set to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
5.0
10
15
175
75
50
350
150
100
Reset to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 265 ns
tPLH, tPHL = (0.66 ns/pF) CL + 67 ns
tPLH, tPHL = (0.5 ns/pF) CL + 50 ns
5.0
10
15
350
100
75
450
200
150
Setup Times
tsu
5.0
10
15
140
50
35
70
25
17
ns
Hold Times
th
5.0
10
15
140
50
35
70
25
17
ns
Clock Pulse Width
tWH, tWL
5.0
10
15
330
110
75
165
55
38
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.0
9.0
13
1.5
4.5
6.5
MHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5.0
4.0
µs
Removal Times
Set
trem
5
10
15
90
45
35
10
5
3
ns
Reset
5
10
15
50
25
20
– 30
– 15
– 10
Set and Reset Pulse Width
tWH
5.0
10
15
250
100
70
125
50
35
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


同様の部品番号 - MC14027B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
MC14027BCP ONSEMI-MC14027BCP Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027BCP ONSEMI-MC14027BCP Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
More results

同様の説明 - MC14027B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
   Dual J-K Flip Flop
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B_14 Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
logo
Motorola, Inc
MC74HC73 MOTOROLA-MC74HC73 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Reset
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com