データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STG3684 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STG3684
部品情報  LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684 データシート(HTML) 8 Page - STMicroelectronics

Back Button STG3684 Datasheet HTML 3Page - STMicroelectronics STG3684 Datasheet HTML 4Page - STMicroelectronics STG3684 Datasheet HTML 5Page - STMicroelectronics STG3684 Datasheet HTML 6Page - STMicroelectronics STG3684 Datasheet HTML 7Page - STMicroelectronics STG3684 Datasheet HTML 8Page - STMicroelectronics STG3684 Datasheet HTML 9Page - STMicroelectronics STG3684 Datasheet HTML 10Page - STMicroelectronics STG3684 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STG3684
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.00
0.118
D2
1.55
1.70
1.80
0.061
0.067
0.071
E
3.00
0.118
E2
1.55
1.70
1.80
0.061
0.067
0.071
e
0.50
0.020
K
0.20
0.008
L
0.30
0.40
0.50
0.012
0.016
0.020
r
0.09
0.006
QFN16 (3x3) MECHANICAL DATA
E
A
A1
e
K
E2
b
r
D2
K
L
A3
D


同様の部品番号 - STG3684

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3684A STMICROELECTRONICS-STG3684A Datasheet
439Kb / 28P
   Low voltage 0.5 廓 max dual SPDT switch with break-before-make
STG3684ADTR STMICROELECTRONICS-STG3684ADTR Datasheet
439Kb / 28P
   Low voltage 0.5 廓 max dual SPDT switch with break-before-make
STG3684AUTR STMICROELECTRONICS-STG3684AUTR Datasheet
439Kb / 28P
   Low voltage 0.5 廓 max dual SPDT switch with break-before-make
STG3684QTR STMICROELECTRONICS-STG3684QTR Datasheet
256Kb / 11P
   LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

同様の説明 - STG3684

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
   LOW VOLTAGE 0.5/0.8廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
   Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
STG3684A STMICROELECTRONICS-STG3684A Datasheet
439Kb / 28P
   Low voltage 0.5 廓 max dual SPDT switch with break-before-make
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
   LOW VOLTAGE 0.5/0.8??MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
   LOW VOLTAGE 0.5??MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
   Low voltage 0.5 廓 dual SPDT switch with break-before-make
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com