データシートサーチシステム |
|
ATMEGA1281V データシート(PDF) 29 Page - ATMEL Corporation |
|
ATMEGA1281V データシート(HTML) 29 Page - ATMEL Corporation |
29 / 37 page 21 2549LS–AVR–08/07 ATmega640/1280/1281/2560/2561 2. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 9.4 ATmega2560 rev. E No known errata. 9.5 ATmega2560 rev. D Not sampled. 9.6 ATmega2560 rev. C • High current consumption in sleep mode 1. High current consumption in sleep mode. If a pending interrupt cannot wake the part up from the selected sleep mode, the current consumption will increase during sleep when executing the SLEEP instruction directly after a SEI instruction. Problem Fix/Workaround Before entering sleep, interrupts not used to wake the part from the sleep mode should be disabled. 9.7 ATmega2560 rev. B Not sampled. 9.8 ATmega2560 rev. A • Non-Read-While-Write area of flash not functional • Part does not work under 2.4 volts • Incorrect ADC reading in differential mode • Internal ADC reference has too low value • IN/OUT instructions may be executed twice when Stack is in external RAM • EEPROM read from application code does not work in Lock Bit Mode 3 1. Non-Read-While-Write area of flash not functional The Non-Read-While-Write area of the flash is not working as expected. The problem is related to the speed of the part when reading the flash of this area. Problem Fix/Workaround - Only use the first 248K of the flash. - If boot functionality is needed, run the code in the Non-Read-While-Write area at maximum 1/4th of the maximum frequency of the device at any given voltage. This is done by writing the CLKPR register before entering the boot section of the code 2. Part does not work under 2.4 volts The part does not execute code correctly below 2.4 volts |
同様の部品番号 - ATMEGA1281V |
|
同様の説明 - ATMEGA1281V |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |