データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA1281V-8AU データシート(PDF) 4 Page - ATMEL Corporation

部品番号 ATMEGA1281V-8AU
部品情報  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA1281V-8AU データシート(HTML) 4 Page - ATMEL Corporation

  ATMEGA1281V-8AU Datasheet HTML 1Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 2Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 3Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 4Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 5Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA1281V-8AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
2549LS–AVR–08/07
ATmega640/1280/1281/2560/2561
Figure 1-3.
Pinout ATmega1281/2561
Note:
The large center pad underneath the QFN/MLF package is made of metal and internally con-
nected to GND. It should be soldered or glued to the board to ensure good mechanical stability. If
the center pad is left unconnected, the package might loosen from the board.
1.1
Disclaimer
Typical values contained in this datasheet are based on simulations and characterization of
other AVR microcontrollers manufactured on the same process technology. Min. and Max val-
ues will be available after the device is characterized.
ATmega1281/2561
(RXD0/PCINT8/PDI) PE0
(TXD0/PDO) PE1
(XCK0/AIN0) PE2
(OC3A/AIN1) PE3
(OC3B/INT4) PE4
(OC3C/INT5) PE5
(T3/INT6) PE6
(ICP3/CLKO/INT7) PE7
(SS/PCINT0) PB0
(OC0B) PG5
(SCK/ PCINT1) PB1
(MOSI/ PCINT2) PB2
(MISO/ PCINT3) PB3
(OC2A/ PCINT4) PB4
(OC1A/PCINT5) PB5
(OC1B/PCINT6) PB6
PA3 (AD3)
PA4 (AD4)
PA5 (AD5)
PA6 (AD6)
PA7 (AD7)
PG2 (ALE)
PC7 (A15)
PC6 (A14)
PC5 (A13)
PC4 (A12)
PC3 (A11)
PC2 (A10)
PC1 (A9)
PC0 (A8)
PG1 (RD)
PG0 (WR)
INDEX CORNER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33


同様の部品番号 - ATMEGA1281V-8AU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA1281V-8AU ATMEL-ATMEGA1281V-8AU Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA1281V-8AUR ATMEL-ATMEGA1281V-8AUR Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
More results

同様の説明 - ATMEGA1281V-8AU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com