データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744220 データシート(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744220
部品情報  COMMON MODE SMD LINE FILTER WE-SL2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744220 データシート(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
description :
BKO
Version 5
08-04-29
MST
Version 4
04-10-11
MST
Version 3
2004-03-29
AG
Version 2
2003-04-15
MST
Version 1
2002-04-17
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744220
STROMKOMP. SMD LINE FILTER WE-SL2
COMMON MODE SMD LINE FILTER WE-SL2
DATUM / DATE : 2004-10-11
H Impedanzverlauf / impedance curve:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
= = = = =
common mode
= = = = =
differential mode
1
10
100
1000
10000
100000
0,01
0,1
1
10
Frequenz / frequency [MHz]
Z (com)
IF BW 10kHz
POWER 0 dBm
SWP 134,5 msec
START 1 MHz
STOP 10 MHz
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
LF
SEITE 2 VON 2


同様の部品番号 - 744220

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744220103 WURTH-744220103 Datasheet
557Kb / 6P
   WE-SL2 SMT Common Mode Line Filter
002.007
744220203 WURTH-744220203 Datasheet
599Kb / 6P
   WE-SL2 SMT Common Mode Line Filter
002.006
More results

同様の説明 - 744220

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744223 WURTH-744223 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744225S WURTH-744225S Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744222 WURTH-744222 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744224 WURTH-744224 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744227S WURTH-744227S Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744221 WURTH-744221 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744226S WURTH-744226S Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744227 WURTH-744227 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744226 WURTH-744226 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744228 WURTH-744228 Datasheet
171Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
744229 WURTH-744229 Datasheet
95Kb / 2P
   COMMON MODE SMD LINE FILTER WE-SL2
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com