データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV932DMR2G データシート(PDF) 6 Page - ON Semiconductor

部品番号 LMV932DMR2G
部品情報  Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV932DMR2G データシート(HTML) 6 Page - ON Semiconductor

Back Button LMV932DMR2G Datasheet HTML 2Page - ON Semiconductor LMV932DMR2G Datasheet HTML 3Page - ON Semiconductor LMV932DMR2G Datasheet HTML 4Page - ON Semiconductor LMV932DMR2G Datasheet HTML 5Page - ON Semiconductor LMV932DMR2G Datasheet HTML 6Page - ON Semiconductor LMV932DMR2G Datasheet HTML 7Page - ON Semiconductor LMV932DMR2G Datasheet HTML 8Page - ON Semiconductor LMV932DMR2G Datasheet HTML 9Page - ON Semiconductor LMV932DMR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LMV931, LMV932
http://onsemi.com
6
2.7V AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 2.7 V,
V− = 0 V, VCM = 2.0V ,Vo = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max
specifications are guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
(Note 6)
0.4
V/uS
Gain Bandwidth
Product
GBWP
1.4
MHz
Phase Margin
m
70
°
Gain Margin
Gm
7.5
dB
Input−Referred
Voltage Noise
en
f = 50 kHz, VCM = 1.0 V
57
nV/√Hz
Total Harmonic
Distortion
THD
f = 1 kHz, AV = +1, RL = 600 W, VO = 1 VPP
0.022
%
Amplifier−to−Amplifier
Isolation
(Note 7)
123
dB
6. Connected as voltage follower with input step from V− to V+. Number specified is the slower of the positive and negative slew rates.
7. Input referred, RL = 100 kW connected to V+/2. Each amp excited in turn with 1 kHz to produce VO = 3 VPP. (For Supply Voltages < 3 V,
VO = V+).


同様の部品番号 - LMV932DMR2G

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV932DUAL TI-LMV932DUAL Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
More results

同様の説明 - LMV932DMR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
LMV981 ONSEMI-LMV981_15 Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
STMicroelectronics
TSV91X STMICROELECTRONICS-TSV91X Datasheet
1Mb / 27P
   Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
August 2016 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com