データシートサーチシステム |
|
LMV932DMR2G データシート(PDF) 7 Page - ON Semiconductor |
|
LMV932DMR2G データシート(HTML) 7 Page - ON Semiconductor |
7 / 20 page LMV931, LMV932 http://onsemi.com 7 5V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C, V+ = 5 V, V− = 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Parameter Symbol Condition Min Typ Max Unit Input Offset Voltage VIO LMV931 (Single) (−40°C to +125°C) 1 6 mV LMV932 (Dual) (−40°C to +125°C) 1 7.5 Input Offset Voltage Average Drift TCVIO 5.5 mV/°C Input Bias Current (Note 8) IB −40°C to +125°C < 1 nA Input Offset Current (Note 8) IIO −40°C to +125°C < 1 nA Supply Current (per Channel) ICC In Active Mode 95 210 mA −40°C to +125°C 230 Common−Mode Rejection Ratio CMRR 0 V v VCM v 3.8 V, 4.6 V v VCM v 5.0 V 50 70 dB −40°C to +125°C 50 −0.2 V v VCM v 0 V, 5.0 V v VCM v 5. 2V 50 70 Power Supply Rejection Ratio PSRR 1.8 V v V+ v 5 V, VCM = 0.5 V 50 70 dB −40°C to +125°C 50 Input Common−Mode Voltage Range VCM For CMRR w 50 dB and TA = 25°C V− − 0.2 −0.2 to 5.3 V+ + 0.2 V For CMRR w 50 dB and TA = −40°C to +85°C V − V+ For CMRR w 50 dB and TA = −40°C to +125°C V− + 0.3 V+ − 0.3 Large Signal Voltage Gain LMV931 (Single) (Note 8) AV RL = 600 W to 2.5 V, VO = 0.2 V to 4.8 V 88 102 dB −40°C to +125°C 87 RL = 2 kW to 2.5 V, VO = 0.2 V to 4.8 V 94 113 −40°C to +125°C 93 Large Signal Voltage Gain LMV932 (Dual) (Note 8) AV RL = 600 W to 2.5 V, VO = 0.2 V to 4.8 V 81 90 −40°C to +125°C 78 RL = 2 kW to 2.5 V, VO = 0.2 V to 4.8 V 85 100 −40°C to +125°C 82 Output Swing VOH RL = 600 W to 2.5 V, VIN = $100 mV 4.855 4.89 V −40°C to +125°C 4.835 VOL RL = 600 W to 2.5 V, VIN = $100 mV 0.12 0.16 −40°C to +125°C 0.18 VOH RL = 2 kW to 2.5 V, VIN = $100 mV 4.945 4.967 −40°C to +125°C 4.935 VOL RL = 2 kW to 2.5 V, VIN = $100 mV 0.037 0.065 −40°C to +125°C 0.075 Output Short−Circuit Current IO Sourcing, Vo = 0 V, VIN = +100 mV 55 65 mA −40°C to +125°C 45 Sinking, Vo = 5 V, VIN = −100 mV 58 80 −40°C to +125°C 45 8. Guaranteed by design and/or characterization. |
同様の部品番号 - LMV932DMR2G |
|
同様の説明 - LMV932DMR2G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |