データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744272251 データシート(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744272251
部品情報  COMMON MODE SMD LINE FILTER WE-SL5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744272251 データシート(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744272251 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744272251 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744272251 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bezeichnung :
description :
SSt
Version 4
08-01-14
MST
Version 3
06-05-09
MST
Version 2
04-10-11
ME
Version 1
04-04-26
Name
Änderung / modification
Datum / date
Datum / date
Unterschrift / signature
Würth Elektronik
http://www.we-online.com
..........................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
H Impedanzverlauf / impedance curve:
Freigabe erteilt / general release:
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Kunde / customer
..........................................................................
..................................................................................
DATUM/DATE: 2008-01-14
Artikelnummer / part number :
744272251
STROMKOMP. SMD LINE FILTER WE-SL5
COMMON MODE SMD LINE FILTER WE-SL5
Spezifikation für Freigabe / specification for release
Kunde / customer :
1
10
100
1000
10000
0,1
1
10
100
1000
10000
Frequenz / frequency [MHz]
Z (com)
Z (dif)
IF BW 10kHz
POWER 0 dBm
SWP 134,5 msec
START 1 MHz
STOP 1,8 GHz
= = = = =
common mode
= = = = =
differential mode
SEITE 2 VON 3


同様の部品番号 - 744272251

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272222 WURTH-744272222 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
More results

同様の説明 - 744272251

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272121 WURTH-744272121 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272102 WURTH-744272102 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272222 WURTH-744272222 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272332 WURTH-744272332 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272472 WURTH-744272472 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272392 WURTH-744272392 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272471 WURTH-744272471 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744273102 WURTH-744273102 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
744273222 WURTH-744273222 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com