データシートサーチシステム |
|
WYO103MCMCH0KR データシート(PDF) 2 Page - Vishay Siliconix |
|
WYO103MCMCH0KR データシート(HTML) 2 Page - Vishay Siliconix |
2 / 3 page Document Number: 22202 For technical questions contact: slcap@vishay.com www.vishay.com Revision: 31-Jan-06 45 WYO Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC Vishay Draloric * Standard lead configuration, other lead spacing and diameter available on request. ORDERING INFORMATION, CERAMIC X1 / Y2 CAPACITORS WYO CAPACITANCE (pF) TOL. (%) D x s (mm) F ± 1* (mm) d ± 0.05* (mm) V ± 0.5* (mm) ORDERING CODE 1000 ± 20 % 6.5 x 4.5 5.0 0.6 1.4 WYO102 CM KR 1500 8.0 x 4.5 WYO152 CM KR 1800 8.0 x 4.5 WYO182 CM KR 2200 9.0 x 4.5 WYO222 CM KR 2500 9.0 x 4.5 WYO252 CM KR 3300 10.0 x 4.5 7.5 WYO332 CM KR 4700 12.0 x 4.5 WYO472 CM KR 5000 12.0 x 4.5 WYO502 CM KR 6800 17.0 x 4.5 1.6 WYO682 CM KR 8200 17.0 x 4.5 WYO822 CM KR 0.010 µF 21.0 x 4.5 WYO103 CM KR 0.012 µF 21.0 x 4.5 WYO123 CM KR ORDERING CODE 7th digit Capacitance Tolerance ± 20 % = M 10th to 12th digit Lead Configuration (see General Information) R 14th digit RoHS Compliant Component APPROVALS IEC 60384 - 14 / 2nd Issue (1993) incl. Am. 1 (1995) - Safety Tests EN 132 400 (1994) - Safety Tests That approval together with the CB Test Certificate substitutes the national approval of the following nations: Belgium France Italy Austria China Japan Spain Denmark Greece Luxembourg Portugal Singapore Poland United Kingdom Germany Ireland Netherlands Sweden Slovenia Hungaria Czech Republic Finland Iceland Norway Switzerland Korea Israel Y2 - Capacitor: CB-Test Certificate: X1 - Capacitor: CB-Test Certificate: DE-1-11476-A1 DE-1-11148-A1 1 nF ... 12 nF 1 nF ... 12 nF 250 Vac 440 Vac Minimum thickness of insulation: 0.4 mm Underwriters Laboratories Inc. UL 1414 Line-by-pass component 1 nF ... 12 nF 250 Vac Agency Files / Licences E 183 844 V1 S2 Canadian Standards Association CSA C22.2 No 1-98 Line-by-pass component 1 nF ... 12 nF 250 Vac Agency Files / Licences E 183 844 V1 S2 ORDERING INFORMATION WYO 103 M CM CF0 K R SERIES CAP. VALUE TOLERANCE RATED VOLTAGE LEAD CONFIGURATION INTERNAL CODE RoHS COMPLIANT |
同様の部品番号 - WYO103MCMCH0KR |
|
同様の説明 - WYO103MCMCH0KR |