データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N01L63W2A データシート(PDF) 3 Page - ON Semiconductor

部品番号 N01L63W2A
部品情報  1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01L63W2A データシート(HTML) 3 Page - ON Semiconductor

  N01L63W2A Datasheet HTML 1Page - ON Semiconductor N01L63W2A Datasheet HTML 2Page - ON Semiconductor N01L63W2A Datasheet HTML 3Page - ON Semiconductor N01L63W2A Datasheet HTML 4Page - ON Semiconductor N01L63W2A Datasheet HTML 5Page - ON Semiconductor N01L63W2A Datasheet HTML 6Page - ON Semiconductor N01L63W2A Datasheet HTML 7Page - ON Semiconductor N01L63W2A Datasheet HTML 8Page - ON Semiconductor N01L63W2A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.
9 | Page 3 of 10 | www.onsemi.com
N01L63W2A
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
260oC, 10sec
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.3
3.0
3.6
V
Data Retention Voltage
VDR
Chip Disabled3
1.8
V
Input High Voltage
VIH
1.8
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.6
V
Output High Voltage
VOH
IOH = 0.2mA
VCC–0.2
V
Output Low Voltage
VOL
IOL = -0.2mA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.5
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
2.0
3.0
mA
Read/Write Operating Supply Current
@ 70 ns Cycle Time2
ICC2
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
9.5
14.0
mA
Page Mode Operating Supply Current
@ 70ns Cycle Time2 (Refer to Power
Savings with Page Mode Operation
diagram)
ICC3
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
4mA
Read/Write Quiescent Operating Sup-
ply Current3
3. This device assumes a standby mode if the chip is disabled (CE1 high or CE2 low). In order to achieve low standby current all
inputs must be within 0.2 volts of either VCC or VSS
ICC4
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0,
f = 0
3.0
mA
Maximum Standby Current3
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 3.6 V
2.0
20
µA
Maximum Data Retention Current3
IDR
Vcc = 1.8V, VIN = VCC or 0
Chip Disabled, tA= 85oC
10
µA


同様の部品番号 - N01L63W2A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB25I ONSEMI-N01L63W3AB25I Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB25IT ONSEMI-N01L63W3AB25IT Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB5I ONSEMI-N01L63W3AB5I Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L63W3AB5IT ONSEMI-N01L63W3AB5IT Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
More results

同様の説明 - N01L63W2A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L1618N1A NANOAMP-N01L1618N1A Datasheet
222Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com