データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4937 データシート(PDF) 1 Page - Gulf Semiconductor

部品番号 1N4937
部品情報  FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4937 データシート(HTML) 1 Page - Gulf Semiconductor

  1N4937 Datasheet HTML 1Page - Gulf Semiconductor 1N4937 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933 THRU 1N4937
FAST SWITCHING
PLASTIC RECTIFIER
VOLTAGE:50 TO 600V
CURRENT: 1.0A
FEATURE
DO-41\DO-204AL
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
Fast switching for high efficiency
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
1N
4933
1N
4934
1N
4935
1N
4936
1N
4937
units
*
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
V
*
Maximum RMS Voltage
Vrms
35
70
140
280
420
V
*
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
V
*
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
°C
If(av)
1.0
A
*
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
*
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.2
V
*
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
100.0
µA
µA
*
Maximum Reverse Recovery Time
(Note 1)
Trr
200.0
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50.0
°C/W
Storage and Operation Junction Temperature
Tstg,Tj
-50 to +150
°C
Note:
1. Reverse Recovery Condition If =1.0A,Vr=30V
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
* JEDEC registered value
1
1 Rev.A4
www.gulfsemi.com


同様の部品番号 - 1N4937

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4937 PANJIT-1N4937 Datasheet
40Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4937 VISHAY-1N4937 Datasheet
73Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 27-Oct-09
More results

同様の説明 - 1N4937

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
EU2JP GULFSEMI-EU2JP Datasheet
82Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:1.0A
1N4933G GULFSEMI-1N4933G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Gulf Semiconductor
TVR10G GULFSEMI-TVR10G Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
RU1DGF GULFSEMI-RU1DGF Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 1.0A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com