データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6785MTRPBF データシート(PDF) 5 Page - International Rectifier

部品番号 IRF6785MTRPBF
部品情報  Benchmark MOSFETs Product Selection Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6785MTRPBF データシート(HTML) 5 Page - International Rectifier

  IRF6785MTRPBF Datasheet HTML 1Page - International Rectifier IRF6785MTRPBF Datasheet HTML 2Page - International Rectifier IRF6785MTRPBF Datasheet HTML 3Page - International Rectifier IRF6785MTRPBF Datasheet HTML 4Page - International Rectifier IRF6785MTRPBF Datasheet HTML 5Page - International Rectifier IRF6785MTRPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Voltage
(V)
RDS(on) @10Vgs max
(mΩ)
RDS(on) @4.5Vgs max
(mΩ)
Configuration
Qg Typ
(nC)
PQFN 5x6
SO-8
TSSOP-8
25
11.3
15.4
Independent symmetric
9.5
IRF8852TRPBF1
30
3.0
4.0
Asymmetric half bridge
34
IRFH7911TRPBF1
8.6
14.5
8.3
30
12.7
16.9
Asymmetric half bridge
7.6
IRF8513PBF
15.5
22.2
5.7
30
15.5
21.6
Independent asymmetric
6.0
IRF8313PBF
60
17.8
Independent symmetric
24
IRF7351PBF1
Voltage
(V)
RDS(on)
@10Vgs
max
(mΩ)
RDS(on)
@4.5Vgs
max
(mΩ)
ID @
TC=
25°C
(A)
ID @
TA=
25°C
(A)
Qg Typ
@
10Vgs
(nC)
Qg Typ
@
4.5Vgs
(nC)
DirectFET
PQFN 5x6
SO-8
D-PAK
D2PAK
D2PAK-7
TO-220
TO-247
Part Number
Layout2
40
1.6
320
170
IRF2804S-7PPBF
40
1.7
350
220
IRFP4004PBF
40
1.7
2.0
343
108
IRLS3034PBF
IRLB3034PBF IRLP3034PBF
40
1.75
340
160
IRFS3004PBF1
IRFB3004PBF1
40
2.0
270
160
IRF2804SPBF
40
2.3
270
160
IRF2804PBF
40
3.1
5.9
180
75
IRL1404ZSPBF
IRL1404ZPBF
40
3.4
4.1
150
23
42
IRF6613TRPBF
MT
40
3.7
180
100
IRF1404ZSPBF
IRF1404ZPBF
40
4.9
6.5
130
40
IRLR3114ZPBF
40
5.0
5.9
18
33
IRF7842PBF
40
5.0
6.2
106
19
29
IRF6616TRPBF
MX
40
5.5
119
59
IRFR4104PBF
40
5.5
120
68
IRF4104SPBF
IRF4104PBF
40
8.3
9.9
55
12.7
19
IRF6614TRPBF
ST
40
9.0
77
30
IRFR3504ZPBF
55
2.6
240
130
IRF3805S-7PPBF
55
6.5
110
76
IRF3205ZSPBF
IRF3205ZPBF
55
7.5
91
63
IRFR1010ZPBF
55
11
61
64
IRFZ48ZSPBF
IRFZ48ZPBF
55
11
62
40
IRFR48ZPBF
55
8.0
12
89
44
IRLR3705ZPBF
55
13.5
22.5
60
23
IRLR2905ZPBF
55
13.9
51
29
IRFZ44ZSPBF
IRFZ44ZPBF
55
24.5
30
18
IRFR4105ZPBF
55
58
100
16
6.6
IRLR024ZPBF
60
1.5
200
33
200
IRF7749L2TRPBF1
L8
60
1.75
340
160
IRFS3006PBF
IRFB3006PBF
60
1.9
2.2
300
110
IRLS3036-7PPBF
60
2.1
293
200
IRFS3006-7PPBF
60
2.4
2.8
270
91
IRLS3036PBF
IRLB3036PBF
60
3.0
210
120
IRFS3206PBF
IRFB3206PBF IRFP3206PBF
60
4.2
160
85
IRFS3306PBF
IRFB3306PBF IRFP3306PBF
60
7.0
86
36
IRF6648TRPBF
MN
60
8.4
79
46
IRFR1018EPBF
IRF1018ESPBF
IRF1018EPBF
60
9.4
12
26
IRF7855PBF
60
11
67
13.4
24
IRF6674TRPBF
MZ
60
15.8
43
22
IRFR3806PBF
IRFS3806PBF
IRFB3806PBF
75
1.85
350
380
IRFP4368PBF
75
2.3
160
26
200
IRF7759L2TRPBF1
L8
75
2.6
260
160
IRFS3107-7PPBF
75
3.0
230
160
IRFS3107PBF
75
3.3
210
160
IRFB3077PBF IRFP3077PBF
75
3.8
180
170
IRF2907ZS-7PPBF
75
4.1
170
120
IRFS3207ZPBF
IRFB3207ZPBF
75
4.5
170
180
IRFP2907ZPBF
75
5.8
120
79
IRFS3307ZPBF
IRFB3307ZPBF
75
9.0
80
56
IRFR3607PBF
IRFS3607PBF
IRFB3607PBF
75
16
53
50
IRFR2307ZPBF
75
22
45
34
IRFR2607ZPBF
80
9.5
68
12
36
IRF6646TRPBF
MN
80
13.4
10
27
IRF7854PBF
80
15
9.3
35
IRF7493PBF
80
15
55
22
IRF6668TRPBF
MZ
100
2.6
290
360
IRFP4468PBF
100
3.5
124
20
200
IRF7769L2TRPBF1
L8
100
3.9
4.1
190
93
IRLS4030-7PPBF
100
4.0
190
150
IRFS4010-7PPBF
100
4.3
4.5
180
87
IRLS4030PBF
IRLB4030PBF
100
4.5
180
150
IRFB4110PBF IRFP4110PBF
100
4.7
180
143
IRFS4010PBF
100
6.0
127
120
IRFS4310ZPBF
IRFB4310ZPBF IRFP4310ZPBF
100
9.0
97
83
IRFS4410ZPBF
IRFB4410ZPBF IRFP4410ZPBF
100
13
60
10.3
35
IRF6644TRPBF
MN
100
14
73
90
IRFS4610PBF
IRFB4610PBF
100
14
16
63
34
IRLR3110ZPBF
100
18
8.3
28
IRF7853PBF
Voltage
(V)
RDS(on)
@10Vgs
max
(mΩ)
RDS(on)
@4.5Vgs
max
(mΩ)
ID @
TC=
25°C
(A)
ID @
TA=
25°C
(A)
Qg Typ
@
10Vgs
(nC)
Qg Typ
@
4.5Vgs
(nC)
DirectFET
PQFN 5x6
SO-8
D-PAK
D2PAK
D2PAK-7
TO-220
TO-247
Part Number
Layout2
20
4.0
5.5
120
21
IRLR3717PBF
20
4.4
5.7
20
22
IRF3717PBF
20
5.7
7.8
93
18
IRFR3711ZPBF
20
6.0
7.3
92
16
IRF3711ZSPBF
IRF3711ZPBF
20
7.9
11.1
67
8.7
IRF3704ZSPBF
IRF3704ZPBF
20
8.4
11.4
60
9.3
IRFR3704ZPBF
20
11
15.5
49
7.2
IRLR3715ZPBF
20
11
15.5
50
7.0
IRL3715ZSPBF
IRL3715ZPBF
20
15
25
37
4.5
IRLR3714ZPBF
20
16
26
36
4.8
IRL3714ZSPBF
IRL3714ZPBF
24
1.0
429
180
IRF1324S-7PPBF
24
1.5
353
160
IRF1324PBF
24
1.65
340
160
IRF1324SPBF
25
1.15
1.75
45
100
110
52
IRFH5250TRPBF1
25
1.25
2.1
220
38
46
IRF6717MTRPBF
MX
25
1.6
2.6
180
39
39
IRF6716MTRPBF
MX
25
1.6
2.7
180
34
40
IRF6715MTRPBF
MX
25
2.1
3.4
166
29
29
IRF6714MTRPBF
MX
25
2.7
3.7
25
25
IRF8252PBF
25
3.0
4.6
95
22
21
IRF6713STRPBF
SQ
25
4.9
8.7
68
17
12
IRF6712STRPBF
SQ
25
5.7
8.5
81
10
IRLR8256PBF
25
5.9
11.9
37
12
8.8
IRF6710S2TRPBF
S1
25
6.0
10.9
51
14.5
7.0
IRFH5255TRPBF1
25
7.8
13.5
39
12
8.1
IRF6709S2TRPBF
S1
25
8.7
12.9
57
6.8
IRLR8259PBF
30
7.4
94
22
IRLR8113PBF
30
1.4
2.1
100
40
120
50
IRFH5300TRPBF1
30
1.7
2.4
180
32
49
IRF6727MTRPBF
MX
30
1.7
2.4
180
32
51
IRF6726MTRPBF
MT
30
1.85
2.9
100
35
77
37
IRFH5301TRPBF1
30
2.1
3.5
100
32
76
29
IRFH5302TRPBF1
30
2.2
3.2
170
28
36
IRF6725MTRPBF
MX
30
2.4
235
160
IRF2903ZSPBF
IRF2903ZPBF
30
2.5
3.5
150
27
33
IRF6724MTRPBF
MX
30
2.8
3.8
24
44
IRF8788PBF
30
3.1
3.9
160
39
IRLR8743PBF
30
3.2
4.2
150
36
IRLB8743PBF1
30
3.3
3.9
104
24
34
IRFH7932TRPBF
30
3.3
4.5
21
30
IRF7862PBF
30
3.5
5.1
76
24
20
IRFH7934TRPBF IRF8734PBF
30
3.8
4.5
150
32
IRL7833SPBF
IRL7833PBF
30
4.8
6.8
18
17
IRF8736PBF
30
4.8
6.8
76
20
17
IRFH7936TRPBF
30
4.8
6.8
92
15
IRLB8748PBF1
30
5.8
8.0
86
15
IRLR8726PBF
30
6.0
7.1
105
23
IRL8113SPBF
IRL8113PBF
30
6.3
7.8
87
17
IRF3709ZSPBF
IRF3709ZPBF
30
7.1
11.8
42
16
9.6
IRFH3702TRPBF3
30
7.3
10.9
60
14
11
IRF6721STRPBF
SQ
30
7.7
10.8
56
13
11
IRF6722MTRPBF
MP
30
7.7
10.8
56
13
11
IRF6722STRPBF
ST
30
8.0
12.8
35
11
7.9
IRF6720S2TRPBF
S1
30
8.1
13.3
44
15
78
IRFH5306TRPBF1
30
8.4
11.8
65
8.5
IRLR8721PBF
30
8.5
12.5
14
8.3
IRF8721PBF
30
8.5
12.5
34
15
9.3
IRFH7921TRPBF
30
8.7
13
14
8.1
IRF8714PBF
30
8.7
16
62
7.6
IRLB8721PBF1
30
8.9
11.9
58
10
IRLR8729PBF
30
9.5
12.5
59
9.7
IRF3707ZSPBF
IRF3707ZPBF
30
11.9
17.5
11
6.2
IRF8707PBF
30
12.4
17.9
29
12
5.4
IRFH3707TRPBF3
30
13.8
18.2
43
7.0
IRLR7807ZPBF
40
1.0
270
46
220
IRF7739L2TRPBF1
L8
40
1.4
1.7
380
120
IRLS3034-7PPBF
N-Channel MOSFETs
N-Channel MOSFETs
Dual N-Channel MOSFETs
N-Channel MOSFETs
These parts are Trench MOSFETs and should be used in switching power supply applications. For more information on IR’s packages go to www.irf.com/package
1
New Product
2
For complete mounting guidelines please reference application note AN-1035 for DirectFET layouts at www.irf.com/package
3
PQFN 3x3
These parts are Trench MOSFETs and should be used in switching power supply applications. For more information on IR’s packages go to www.irf.com/package
1
New Product
2
For complete mounting guidelines please reference application note AN-1035 for DirectFET layouts at www.irf.com/package
For a complete list of SOT-23 devices go to www.irf.com
Voltage
(V)
RDS(on)
@10Vgs
max
(mΩ)
RDS(on)
@4.5Vgs
max
(mΩ)
ID @
TC=
25°C
(A)
ID @
TA=
25°C
(A)
Qg Typ
@
10Vgs
(nC)
Qg Typ
@
4.5Vgs
(nC)
DirectFET
PQFN 5x6
SO-8
D-PAK
D2PAK
D2PAK-7
TO-220
TO-247
Part Number
Layout2
100
18
56
69
IRFR3710ZPBF
100
18
59
82
IRF3710ZSPBF
IRF3710ZPBF
100
22
7.3
34
IRF7495PBF
100
22
47
8.3
22
IRF6662TRPBF
MZ
100
26.5
36
42
IRF540ZSPBF
IRF540ZPBF
100
35
25
5.7
14
IRF6645TRPBF
SJ
100
62
14.4
4.1
8.3
IRF7665S2TRPBF1
100
62
19
4.2
8.7
IRF6655TRPBF
SH
100
72.5
18
15
IRFB4212PBF
100
190
8.7
6.9
IRFR120ZPBF
150
5.9
171
151
IRFP4568PBF
150
11
67
11
97
IRF7779L2TRPBF1
L8
150
11
104
77
IRFB4115PBF
150
11.8
105
73
IRFS4115-7PPBF
150
12.1
99
77
IRFS4115PBF
150
15
83
71
IRFS4321PBF
IRFB4321PBF
150
15.5
78
71
IRFP4321PBF
150
31
56
10
33
IRFH5015TRPBF1
150
34.5
35
6.2
39
IRF6643TRPBF
MZ
150
39
35
26
IRFB4615PBF
150
42
33
26
IRFR4615PBF
IRFS4615PBF
150
43
5.1
25
IRF7815TRPBF1
150
44
5.1
35
IRF7494PBF
150
56
28
4.9
25
IRF6775MTRPBF
MZ
150
95
17
13
IRFB4019PBF
200
9.7
130
161
IRFP4668PBF
200
20
76
100
IRFB4127PBF
200
22
72
100
IRFS4127PBF
200
25
65
70
IRFP4227PBF
200
26
62
70
IRFS4227PBF
IRFB4227PBF
200
55
43
5.1
36
IRFH5020TRPBF1
200
60
26
4.6
34
IRF6641TRPBF
MZ
200
72.5
25
25
IRFB4620PBF
200
78
24
25
IRFR4620PBF
IRFS4620PBF
200
79
3.7
39
IRF7492PBF
200
100
18
18
IRFB4020PBF
200
100
19
2.7
26
IRF6785MTRPBF
MZ
250
33
57
99
IRFP4332PBF
250
33
60
99
IRFB4332PBF
250
38
35
6.6
110
IRF7799L2TRPBF1
L8
250
45
44
72
IRFP4229PBF
250
46
46
72
IRFB4229PBF
250
48
45
72
IRFS4229PBF
Voltage
(V)
RDS(on) @ 10Vgs max
(mΩ)
RDS(on) @ 4.5Vgs max
(mΩ)
ID @ TA=25°C
(A)
Qg Typ
(nC)
SOT-23
30
27
40
5.2
2.6
IRLML0030TRPBF1
30
100
154
2.7
1.0
IRLML2030TRPBF1
60
92
116
2.7
2.5
IRLML0060TRPBF1
60
460
620
1.5
0.4
IRLML2060TRPBF1
100
220
235
1.6
2.5
IRLML0100TRPBF1
N-Channel MOSFETs SOT-23
These parts are Trench MOSFETs and should be used in switching power supply applications. For more information on IR’s packages go to www.irf.com/package
1
New Product
2
For complete mounting guidelines please reference application note AN-1035 for DirectFET layouts at www.irf.com/package


同様の部品番号 - IRF6785MTRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
More results

同様の説明 - IRF6785MTRPBF

メーカー部品番号データシート部品情報
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com