データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYM26EGP データシート(PDF) 1 Page - Gulf Semiconductor

部品番号 BYM26EGP
部品情報  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 2.3A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYM26EGP データシート(HTML) 1 Page - Gulf Semiconductor

  BYM26EGP Datasheet HTML 1Page - Gulf Semiconductor BYM26EGP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYM26AGP THRU BYM26EGP
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:
:200V to 1000V
CURRENT: 2.3A
FEATURE
DO-201AD
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Low leakage current Typical Ir<0.1
µA
Excellent stability
Guaranteed avalanche energy absorption capability
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
BYM26
AGP
BYM26
BGP
BYM26
CGP
BYM26
DGP
BYM26
EGP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
200
400
600
800
1000
V
Reverse avalanche breakdown voltage
at IR = 0.1 mA
V(BR)R (min)
300
500
700
900
1100
V
Maximum Average Forward Rectified
Current 10mm lead length at Ta =55
°C
If(av)
2.3
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
45
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
2.65
V
non-repetitive peak reverse avalanche energy
(Note 1)
Ersm
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10.0
150.0
µA
µA
Maximum Reverse Recovery Time
(Note 2)
Trr
30
75
nS
Typical Junction Capacitance
(Note 3)
Cj
75.0
pF
Typical Thermal Resistance
(Note 4)
Rθja
20.0
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note: 1. L = 120 mH; Tj = Tj max prior to surge; inductive load switched off
2.Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
3.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
4.Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com


同様の部品番号 - BYM26EGP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYM26E PHILIPS-BYM26E Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
logo
Galaxy Semi-Conductor H...
BYM26E BILIN-BYM26E Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
logo
Gulf Semiconductor
BYM26E GULFSEMI-BYM26E Datasheet
68Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 2.3A
logo
Shenzhen Luguang Electr...
BYM26E LUGUANG-BYM26E Datasheet
163Kb / 2P
   Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
BYM26E SUNMATE-BYM26E Datasheet
354Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results

同様の説明 - BYM26EGP

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
BYM36AGP GULFSEMI-BYM36AGP Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00V to 1000V CURRENT: 3.0A
BYM26E GULFSEMI-BYM26E Datasheet
68Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 2.3A
1N5620GP GULFSEMI-1N5620GP Datasheet
184Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26AGP GULFSEMI-BYV26AGP Datasheet
84Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?200V to 1000V CURRENT: 1.0A
BYV36AGP GULFSEMI-BYV36AGP Datasheet
231Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE竊?00 - 1000V CURRENT: 1.5A
GI1104 GULFSEMI-GI1104 Datasheet
117Kb / 2P
   SINTERED GLASS JUNCTION FAST EFFICIENT RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
RG1.5J GULFSEMI-RG1.5J Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com