データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5341UMPX データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FAN5341UMPX
部品情報  Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5341UMPX データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5341UMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5341UMPX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5341 • Rev. 1.0.0
9
Application Information
Inductor & Output Capacitor Selection
# of LEDs
Inductor (L)
Part Number
Manufacturer
Min COUT
Part Number
Manufacturer
3, 4, 5
10.0µH
LQH43MN100K03
Murata
1.00µF
CV105X5R105K25AT
AVX/Kyocera
NLCV32T-100K-PFR
TDK
VLF3010AT-100MR49-1
TDK
4.7µH
LQH43MN4R7K03
Murata
1.00µF
CV105X5R105K25AT
AVX/Kyocera
NLCV32T-4R7M-PFR
TDK
LPF2010T-4R7M
ABCO
Table 1. Recommended External Components
Component Placement and PCB Recomendations
Figure 1. Recommended Component Placement
Input Capacitance
In a typical application, the input and output capacitors
should be placed as close to the IC as possible; no
additional capacitance is needed to ensure proper
functionality. However, in a testing environment, where the
FAN5341 is typically powered by a power supply with
relatively long cables, an additional input capacitor (10µF)
may be needed to ensure stable functioning. This capacitor
should be placed close to where the power supply cables
attach to the FAN5341 evaluation board.
PCB Recommendations
The inductor can be connected to VIN with vias through
another layer if needed.
The feedback pin should be connected back to the IC on
a sub-layer.


同様の部品番号 - FAN5341UMPX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN5341UMPX ONSEMI-FAN5341UMPX Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

同様の説明 - FAN5341UMPX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com