データシートサーチシステム |
|
LMV824PW データシート(PDF) 6 Page - Texas Instruments |
|
LMV824PW データシート(HTML) 6 Page - Texas Instruments |
6 / 35 page www.ti.com LMV8xx 2.7-V Electrical Characteristics LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS434I – FEBRUARY 2004 – REVISED JULY 2006 V CC+ = 2.7 V, VCC– = 0 V, VIC = 1 V, VO = 1.35 V, and RL > 1 MΩ (unless otherwise noted) LMV8xx PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX 25 °C 1 3.5 VIO Input offset voltage mV –40 °C to 85°C 4 Average temperature coefficient α VIO 25 °C 1 µV/°C of input offset voltage 25 °C 30 90 IIB Input bias current nA –40 °C to 85°C 140 25 °C 0.5 30 IIO Input offset current nA –40 °C to 85°C 50 25 °C 70 85 CMRR Common-mode rejection ratio VIC = 0 to 1.7 V dB –40 °C to 85°C 68 25 °C 75 85 Positive supply-voltage VCC+ = 1.7 V to 4 V, VCC– = –1 V, +kSVR dB rejection ratio VO = 0, VIC = 0 –40 °C to 85°C 70 25 °C 73 85 Negative supply-voltage VCC+ = 1.7 V, VCC– = –1 V to –3.3 V, –kSVR dB rejection ratio VO = 0, VIC = 0 –40 °C to 85°C 70 Common-mode input –0.2 –0.3 VICR CMRR ≥ 50 dB 25 °C V voltage range to 1.9 to 2 25 °C 90 100 RL = 600 Ω to 1.35 V, Sourcing VO = 1.35 V to 2.2 V –40 °C to 85°C 85 25 °C 85 90 RL = 600 Ω to 1.35 V, Sinking VO = 1.35 V to 0.5 V –40 °C to 85°C 80 Large-signal voltage AV dB amplification 25 °C 95 100 RL = 2 kΩ to 1.35 V, Sourcing VO = 1.35 V to 2.2 V –40 °C to 85°C 90 25 °C 90 95 RL = 2 kΩ to 1.35 V, Sinking VO = 1.35 V to 0.5 V –40 °C to 85°C 85 25 °C 2.5 2.58 High level –40 °C to 85°C 2.4 VCC+ = 2.7 V, RL = 600 Ω to 1.35 V 25 °C 0.13 0.2 Low level –40 °C to 85°C 0.3 VO Output swing V 25 °C 2.6 2.66 High level –40 °C to 85°C 2.5 VCC+ = 2.7 V, RL = 2 kΩ to 1.35 V 25 °C 0.08 0.12 Low level –40 °C to 85°C 0.2 VO = 0 V Sourcing 25 °C 12 16 IO Output current mA VO = 2.7 V Sinking 25 °C 12 26 25 °C 0.22 0.3 LMV821 –40 °C to 85°C 0.5 25 °C 0.45 0.6 ICC Supply current LMV822 (both amplifiers) mA –40 °C to 85°C 0.8 25 °C 0.72 1 LMV824 (all four amplifiers) –40 °C to 85°C 1.2 6 Submit Documentation Feedback |
同様の部品番号 - LMV824PW |
|
同様の説明 - LMV824PW |