データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV824IDRE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 LMV824IDRE4
部品情報  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV824IDRE4 データシート(HTML) 6 Page - Texas Instruments

Back Button LMV824IDRE4 Datasheet HTML 2Page - Texas Instruments LMV824IDRE4 Datasheet HTML 3Page - Texas Instruments LMV824IDRE4 Datasheet HTML 4Page - Texas Instruments LMV824IDRE4 Datasheet HTML 5Page - Texas Instruments LMV824IDRE4 Datasheet HTML 6Page - Texas Instruments LMV824IDRE4 Datasheet HTML 7Page - Texas Instruments LMV824IDRE4 Datasheet HTML 8Page - Texas Instruments LMV824IDRE4 Datasheet HTML 9Page - Texas Instruments LMV824IDRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
LMV8xx 2.7-V Electrical Characteristics
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
V
CC+ = 2.7 V, VCC– = 0 V, VIC = 1 V, VO = 1.35 V, and RL > 1 MΩ (unless otherwise noted)
LMV8xx
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
25
°C
1
3.5
VIO
Input offset voltage
mV
–40
°C to 85°C
4
Average temperature coefficient
α
VIO
25
°C
1
µV/°C
of input offset voltage
25
°C
30
90
IIB
Input bias current
nA
–40
°C to 85°C
140
25
°C
0.5
30
IIO
Input offset current
nA
–40
°C to 85°C
50
25
°C
70
85
CMRR Common-mode rejection ratio
VIC = 0 to 1.7 V
dB
–40
°C to 85°C
68
25
°C
75
85
Positive supply-voltage
VCC+ = 1.7 V to 4 V, VCC– = –1 V,
+kSVR
dB
rejection ratio
VO = 0, VIC = 0
–40
°C to 85°C
70
25
°C
73
85
Negative supply-voltage
VCC+ = 1.7 V, VCC– = –1 V to –3.3 V,
–kSVR
dB
rejection ratio
VO = 0, VIC = 0
–40
°C to 85°C
70
Common-mode input
–0.2
–0.3
VICR
CMRR
≥ 50 dB
25
°C
V
voltage range
to 1.9
to 2
25
°C
90
100
RL = 600 Ω to 1.35 V,
Sourcing
VO = 1.35 V to 2.2 V
–40
°C to 85°C
85
25
°C
85
90
RL = 600 Ω to 1.35 V,
Sinking
VO = 1.35 V to 0.5 V
–40
°C to 85°C
80
Large-signal voltage
AV
dB
amplification
25
°C
95
100
RL = 2 kΩ to 1.35 V,
Sourcing
VO = 1.35 V to 2.2 V
–40
°C to 85°C
90
25
°C
90
95
RL = 2 kΩ to 1.35 V,
Sinking
VO = 1.35 V to 0.5 V
–40
°C to 85°C
85
25
°C
2.5
2.58
High level
–40
°C to 85°C
2.4
VCC+ = 2.7 V,
RL = 600 Ω to 1.35 V
25
°C
0.13
0.2
Low level
–40
°C to 85°C
0.3
VO
Output swing
V
25
°C
2.6
2.66
High level
–40
°C to 85°C
2.5
VCC+ = 2.7 V,
RL = 2 kΩ to 1.35 V
25
°C
0.08
0.12
Low level
–40
°C to 85°C
0.2
VO = 0 V
Sourcing
25
°C
12
16
IO
Output current
mA
VO = 2.7 V
Sinking
25
°C
12
26
25
°C
0.22
0.3
LMV821
–40
°C to 85°C
0.5
25
°C
0.45
0.6
ICC
Supply current
LMV822 (both amplifiers)
mA
–40
°C to 85°C
0.8
25
°C
0.72
1
LMV824 (all four amplifiers)
–40
°C to 85°C
1.2
6
Submit Documentation Feedback


同様の部品番号 - LMV824IDRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV824IDRE4 TI-LMV824IDRE4 Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - LMV824IDRE4

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com