データシートサーチシステム |
|
SN74AHCT04DBRG4 データシート(PDF) 1 Page - Texas Instruments |
|
SN74AHCT04DBRG4 データシート(HTML) 1 Page - Texas Instruments |
1 / 19 page SN54AHCT04, SN74AHCT04 HEX INVERTERS SCLS232N − OCTOBER 1995 − REVISED JULY 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Inputs Are TTL-Voltage Compatible D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 − 2000-V Human-Body Model (A114-A) − 200-V Machine Model (A115-A) − 1000-V Charged-Device Model (C101) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y SN54AHCT04 ...J OR W PACKAGE SN74AHCT04 ...D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A SN54AHCT04 . . . FK PACKAGE (TOP VIEW) NC − No internal connection SN74AHCT04 . . . RGY PACKAGE (TOP VIEW) 114 78 2 3 4 5 6 13 12 11 10 9 6A 6Y 5A 5Y 4A 1Y 2A 2Y 3A 3Y description/ordering information The ’AHCT04 devices contain six independent inverters. These devices perform the Boolean function Y = A. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING QFN − RGY Tape and reel SN74AHCT04RGYR HB04 PDIP − N Tube SN74AHCT04N SN74AHCT04N SOIC D Tube SN74AHCT04D AHCT04 SOIC − D Tape and reel SN74AHCT04DR AHCT04 −40 °C to 85°C SOP − NS Tape and reel SN74AHCT04NSR AHCT04 SSOP − DB Tape and reel SN74AHCT04DBR HB04 TSSOP PW Tube SN74AHCT04PW HB04 TSSOP − PW Tape and reel SN74AHCT04PWR HB04 TVSOP − DGV Tape and reel SN74AHCT04DGVR HB04 CDIP − J Tube SNJ54AHCT04J SNJ54AHCT04J −55 °C to 125°C CFP − W Tube SNJ54AHCT04W SNJ54AHCT04W 55 C to 125 C LCCC − FK Tube SNJ54AHCT04FK SNJ54AHCT04FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each inverter) INPUT A OUTPUT Y H L L H Copyright © 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
同様の部品番号 - SN74AHCT04DBRG4 |
|
同様の説明 - SN74AHCT04DBRG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |