データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC1G14DRYR データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74AUC1G14DRYR
部品情報  SINGLE SCHMITT-TRIGGER INVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G14DRYR データシート(HTML) 4 Page - Texas Instruments

  SN74AUC1G14DRYR Datasheet HTML 1Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 2Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 3Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 4Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 5Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 6Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 7Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 8Page - Texas Instruments SN74AUC1G14DRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN74AUC1G14
SINGLE SCHMITT-TRIGGER INVERTER
SCES375O – SEPTEMBER 2001 – REVISED AUGUST 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
0.8 V
0.5
1.1 V
0.51
0.86
VT+
Positive-going input
1.4 V
0.65
1
V
threshold voltage
1.65 V
0.79
1.16
2.3 V
1.11
1.56
0.8 V
0.3
1.1 V
0.22
0.53
VT–
Negative-going input
1.4 V
0.3
0.58
V
threshold voltage
1.65 V
0.39
0.62
2.3 V
0.58
0.87
0.8 V
0.21
1.1 V
0.25
0.38
ΔVT
Hysteresis
1.4 V
0.31
0.5
V
(VT+ – VT–)
1.65 V
0.37
0.62
2.3 V
0.48
0.77
IOH = –100 μA
0.8 V to 2.7 V
VCC – 0.1
IOH = –0.7 mA
0.8 V
0.55
IOH = –3 mA
1.1 V
0.8
VOH
V
IOH = –5 mA
1.4 V
1
IOH = –8 mA
1.65 V
1.2
IOH = –9 mA
2.3 V
1.8
IOL = 100 μA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
IOL = 3 mA
1.1 V
0.3
VOL
V
IOL = 5 mA
1.4 V
0.4
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A input
VI = VCC or GND
0 to 2.7 V
±5
μA
Ioff
VI or VO = 2.7 V
0
±10
μA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
μA
Ci
VI = VCC or GND
2.5 V
3.5
pF
(1)
All typical values are at TA = 25°C.
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tpd
A
Y
5.8
0.7
4
0.6
2.3
0.5
1.2
1.9
0.5
1.6
ns
4
Submit Documentation Feedback


同様の部品番号 - SN74AUC1G14DRYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC1G14DBVR TI-SN74AUC1G14DBVR Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74AUC1G14DCKR TI-SN74AUC1G14DCKR Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
More results

同様の説明 - SN74AUC1G14DRYR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com