データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC2G02 データシート(PDF) 2 Page - Texas Instruments

部品番号 SN74AUC2G02
部品情報  DUAL 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G02 データシート(HTML) 2 Page - Texas Instruments

  SN74AUC2G02_09 Datasheet HTML 1Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 2Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 3Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 4Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 5Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 6Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 7Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 8Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
1A
1B
1Y
1
2
7
2A
2B
2Y
5
6
3
Absolute Maximum Ratings
(1)
SN74AUC2G02
DUAL 2-INPUT POSITIVE-NOR GATE
SCES441C – MAY 2003 – REVISED JANUARY 2007
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
Y
A
B
H
X
L
X
H
L
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
DCT package
220
θ
JA
Package thermal impedance(3)
DCU package
227
°C/W
YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback


同様の部品番号 - SN74AUC2G02_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC2G02DCTR TI-SN74AUC2G02DCTR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02DCUR TI-SN74AUC2G02DCUR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02YEPR TI-SN74AUC2G02YEPR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02YZPR TI-SN74AUC2G02YZPR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

同様の説明 - SN74AUC2G02_09

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com