データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26S10CDRE4 データシート(PDF) 5 Page - Texas Instruments

部品番号 AM26S10CDRE4
部品情報  QUADRUPLE BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26S10CDRE4 データシート(HTML) 5 Page - Texas Instruments

  AM26S10CDRE4 Datasheet HTML 1Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 2Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 3Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 4Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 5Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 6Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 7Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 8Page - Texas Instruments AM26S10CDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AM26S10C
QUADRUPLE BUS TRANSCEIVERS
SLLS116C – JANUARY 1977 – REVISED MARCH 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Pulse
Generator
(see Note A)
DS
Driver
15 pF
(see Note B)
Receiver
See Note C
50
280
VCC
BR
TEST CIRCUIT
50 pF
(see Note B)
Pulse
Generator
(see Note A)
tPLH
B to R
tPHL
B to R
tPLH
B to R
tPHL
B to R
S to B
tPHL
tPLH
S to B
tPHL
D to B
tPLH
D to B
3 V
1.5 V
3 V
1.5 V
0 V
VOH
1.5 V
VOL
VOH
1.5 V
VOL
Driver Input
Strobe Input
Bus
Receiver Output
VOLTAGE WAVEFORMS
NOTES: A. The pulse generators have the following characteristics: ZO = 50 Ω, tr = 10 ± 5 ns.
B. Includes probe and jig capacitance.
C. All diodes are 1N916 or equivalent.
Figure 1. Test Circuit and Voltage Waveforms


同様の部品番号 - AM26S10CDRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26S10CD TI-AM26S10CD Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
More results

同様の説明 - AM26S10CDRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com