データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7446631010 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7446631010
部品情報  CURRENT-COMPENSATED CHOKE WE-LF SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7446631010 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7446631010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7446631010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
Gehäuse / case: SH
A
18,5 max.
mm
B
23,3 max.
mm
C
11,5 max.
mm
D
10 ± 0,2
mm
E
5 ± 0,2
mm
F
19,6 ± 0,3
mm
G
2,1 ± 0,1
mm
H
0,4 typ.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Nennspannung /
rated voltage
33%
+25°C
1500 V, 50 Hz
5mA, 2 sec.
Name
Änderung / modification
Datum / date
WAYNE KERR WK3260B/WK3265 für/for L0 und/and RDC
UN
IN
Luftfeuchtigkeit / humidity:
A Mechanische Abmessungen / dimensions:
10 kHz / 0,1 mA / 20°C
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-LF SMD
CURRENT-COMPENSATED CHOKE WE-LF SMD
Artikelnummer / part number :
7446631010
Klimabeständigkeit/ climatic class:
40/125/21
B Elektrische Eigenschaften / electrical properties:
250
50 Hz
mH
RDC
Kleber / glue:
Class F
Betriebstemp. / operating temperature:
-25°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2008-08-20
±10%
A
Testbedingungen / test
conditions
0,70
0,55
±30%
C Lötpad / land pattern.:
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
.............................................................
LO
10,00
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
@ 20 °C
@ 70 °C
V
Prüfspannung / testing voltage
HP 34401 A für/for IN
Umgebungstemperatur / temperature:
Würth Elektronik
..................................................................................
G Eigenschaften / general specifications:
Sockel / base:
Draht / wire:
UL94V-0
F Werkstoffe & Zulassungen / material & approvals:
UL94V-2
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
Abstandhalter / spacer:
UL94V-0
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
24,6
4
A
E
G
D
SEITE 1 VON 2


同様の部品番号 - 7446631010

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7446631007 WURTH-7446631007 Datasheet
73Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
More results

同様の説明 - 7446631010

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74466340007 WURTH-74466340007 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446631007 WURTH-7446631007 Datasheet
73Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446632001 WURTH-7446632001 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446630027 WURTH-7446630027 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446630039 WURTH-7446630039 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446630047 WURTH-7446630047 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446632002 WURTH-7446632002 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446632003 WURTH-7446632003 Datasheet
135Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-LF SMD
7446222002 WURTH-7446222002 Datasheet
80Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
7446121007 WURTH-7446121007 Datasheet
87Kb / 1P
   CURRENT-COMPENSATED CHOKE WE-LF
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com