データシートサーチシステム |
|
SN74AUC1G32 データシート(PDF) 2 Page - Texas Instruments |
|
|
SN74AUC1G32 データシート(HTML) 2 Page - Texas Instruments |
2 / 14 page Absolute Maximum Ratings (1) SN74AUC1G32 SCES377O – SEPTEMBER 2001 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com ORDERING INFORMATION TA PACKAGE(1)(2) ORDERABLE PART NUMBER TOP-SIDE MARKING(3) NanoFree™ – WCSP (DSBGA) Reel of 3000 SN74AUC1G32YZPR _ _ _UG_ 0.23-mm Large Bump – YZP (Pb-free) SON – DRY Reel of 5000 SN74AUC1G32DRYR PREVIEW –40°C to 85°C SOT (SOT-23) – DBV Reel of 3000 SN74AUC1G32DBVR U32_ SOT (SC-70) – DCK Reel of 3000 SN74AUC1G32DCKR UG_ SOT (SOT-553) – DRL Reel of 4000 SN74AUC1G32DRLR UG_ (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the wafer fab/assembly site. YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION TABLE INPUTS OUTPUT Y A B H X H X H H L L L LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 3.6 V VI Input voltage range(2) –0.5 3.6 V VO Voltage range applied to any output in the high impedance or power-off state(2) –0.5 3.6 V VO Output voltage range(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±100 mA DBV package 206 DCK package 252 θ JA Package thermal impedance(3) DRL package 142 °C/W DRY package 234 YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. 2 Submit Documentation Feedback Copyright © 2001–2009, Texas Instruments Incorporated Product Folder Link(s): SN74AUC1G32 |
同様の部品番号 - SN74AUC1G32 |
|
同様の説明 - SN74AUC1G32 |