データシートサーチシステム |
|
SN74AUP1G34 データシート(PDF) 3 Page - Texas Instruments |
|
|
SN74AUP1G34 データシート(HTML) 3 Page - Texas Instruments |
3 / 22 page SN74AUP1G34 www.ti.com SCES603G – AUGUST 2004 – REVISED MARCH 2010 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VI Input voltage range(2) –0.5 4.6 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 4.6 V VO Output voltage range in the high or low state(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±50 mA DBV package 206 DCK package 252 DRL package 142 qJA Package thermal impedance(3) °C/W DSF package 300 DRY package 234 YFP/YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): SN74AUP1G34 |
同様の部品番号 - SN74AUP1G34 |
|
同様の説明 - SN74AUP1G34 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |