データシートサーチシステム |
|
SN74AUP1G34DBVT データシート(PDF) 4 Page - Texas Instruments |
|
|
SN74AUP1G34DBVT データシート(HTML) 4 Page - Texas Instruments |
4 / 22 page SN74AUP1G34 SCES603G – AUGUST 2004 – REVISED MARCH 2010 www.ti.com RECOMMENDED OPERATING CONDITIONS (1) MIN MAX UNIT VCC Supply voltage 0.8 3.6 V VCC = 0.8 V VCC VCC = 1.1 V to 1.95 V 0.65 × VCC VIH High-level input voltage V VCC = 2.3 V to 2.7 V 1.6 VCC = 3 V to 3.6 V 2 VCC = 0.8 V 0 VCC = 1.1 V to 1.95 V 0.35 × VCC VIL Low-level input voltage V VCC = 2.3 V to 2.7 V 0.7 VCC = 3 V to 3.6 V 0.9 VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 0.8 V –20 µA VCC = 1.1 V –1.1 VCC = 1.4 V –1.7 IOH (2) High-level output current VCC = 1.65 V –1.9 mA VCC = 2.3 V –3.1 VCC = 3 V -4 VCC = 0.8 V 20 µA VCC = 1.1 V 1.1 VCC = 1.4 V 1.7 IOL (2) Low-level output current VCC = 1.65 V 1.9 mA VCC = 2.3 V 3.1 VCC = 3 V 4 Δt/Δv Input transition rise or fall rate VCC = 0.8 V to 3.6 V 200 ns/V TA Operating free-air temperature –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. (2) Defined by the signal integrity requirements and design goal priorities 4 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G34 |
同様の部品番号 - SN74AUP1G34DBVT |
|
同様の説明 - SN74AUP1G34DBVT |