データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G99DCUTE4 データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74AUP1G99DCUTE4
部品情報  LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G99DCUTE4 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G99DCUTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G99DCUTE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
Electrical Characteristics
SN74AUP1G99
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE
WITH 3-STATE OUTPUTS
SCES594C – JULY 2004 – REVISED DECEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = 25°C
to 85
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
0.8 V
0.3
0.6
0.3
0.6
1.1 V
0.53
0.9
0.53
0.9
VT+
1.4 V
0.74
1.11
0.74
1.11
Positive-going
V
input threshold
1.65 V
0.91
1.29
0.91
1.29
voltage
2.3 V
1.37
1.77
1.37
1.77
3 V
1.88
2.29
1.88
2.29
0.8 V
0.1
0.6
0.1
0.6
1.1 V
0.26
0.65
0.26
0.65
VT–
1.4 V
0.39
0.75
0.39
0.75
Negative-going
V
input threshold
1.65 V
0.47
0.84
0.47
0.84
voltage
2.3 V
0.69
1.04
0.69
1.04
3 V
0.88
1.24
0.88
1.24
0.8 V
0.07
0.5
0.07
0.5
1.1 V
0.08
0.46
0.08
0.46
ΔVT
1.4 V
0.18
0.56
0.18
0.56
Hysteresis
V
1.65 V
0.27
0.66
0.27
0.66
(VT+ – VT–)
2.3 V
0.53
0.92
0.53
0.92
3 V
0.79
1.31
0.79
1.31
IOH = –20 µA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75
× V
CC
0.7
× V
CC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3
× V
CC
0.3
× V
CC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
All
II
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
µA
inputs
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
µA
IOZ
VO = VCC or GND
3.6 V
0.1
0.5
µA
VI = GND or (VCC to 3.6 V),
ICC
0.8 V to 3.6 V
0.5
0.9
µA
OE = GND, IO = 0
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74AUP1G99


同様の部品番号 - SN74AUP1G99DCUTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G99DCUT TI-SN74AUP1G99DCUT Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AUP1G99DCUTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com