データシートサーチシステム |
|
SN74AUP1T58DBVTG4 データシート(PDF) 2 Page - Texas Instruments |
|
SN74AUP1T58DBVTG4 データシート(HTML) 2 Page - Texas Instruments |
2 / 24 page AUP LVC AUP AUP LVC Static-Power Consumption ( µA) Dynamic-Power Consumption (pF) † Single, dual, and triple gates 3.3-V Logic† 3.3-V Logic† 0% 20% 40% 60% 80% 100% 0% 20% 40% 60% 80% 100% −0.5 0 0.5 1 1.5 2 2.5 3 3.5 0 5 10 15 20 25 30 35 40 45 Time − ns † AUP1G08 data at C L = 15 pF Switching Characteristics at 25 MHz† Output Input SN74AUP1T58 SCES612H – OCTOBER 2004 – REVISED MARCH 2010 www.ti.com Ioff is a feature that allows for powered-down conditions (VCC = 0 V) and is important in portable and mobile applications. When VCC = 0 V, signals in the range from 0 V to 3.6 V can be applied to the inputs and outputs of the device. No damage occurs to the device under these conditions. The SN74AUP1T58 is designed with optimized current-drive capability of 4 mA to reduce line reflections, overshoot, and undershoot caused by high-drive outputs. NanoStar package technology is a major breakthrough in IC packaging concepts, using the die as the package. ORDERING INFORMATION(1) TOP-SIDE TA PACKAGE(2) ORDERABLE PART NUMBER MARKING(3) NanoStar™ – WCSP (DSBGA) Reel of 3000 SN74AUP1T58YZPR _ _ _TJ_ 0.23-mm Large Bump – YZP (Pb-free) NanoStar™ – WCSP (DSBGA) Reel of 3000 SN74AUP1T58YFPR _ _ _TJ_ 0.23-mm Large Bump – YFP –40°C to 85°C QFN – DRY Reel of 5000 SN74AUP1T58DRYR TJ uQFN – DSF Reel of 5000 SN74AUP1T58DSFR TJ SOT (SOT-23) – DBV Reel of 3000 SN74AUP1T58DBVR HT5_ SOT (SC-70) – DCK Reel of 3000 SN74AUP1T58DCKR TJ_ (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site. YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION SELECTION TABLE LOGIC FUNCTION FIGURE NO. 2-input NAND gate 5 2-input OR gate with both inputs inverted 5 2-input AND gate with inverted input 6, 7 2-input NOR gate with inverted input 6, 7 2-input NAND gate with both inputs inverted 8 2-input OR gate 8 2-input XOR gate 9 Inverter 10 Noninverted buffer 11 Figure 1. AUP – The Lowest-Power Family Figure 2. Excellent Signal Integrity 2 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1T58 |
同様の部品番号 - SN74AUP1T58DBVTG4 |
|
同様の説明 - SN74AUP1T58DBVTG4 |