データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVC32T245ZKER データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74AVC32T245ZKER
部品情報  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC32T245ZKER データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AVC32T245ZKER Datasheet HTML 2Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 3Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 4Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 5Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 6Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 7Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 8Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 9Page - Texas Instruments SN74AVC32T245ZKER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Electrical Characteristics
SN74AVC32T245
32-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES553E – MAY 2004 – REVISED AUGUST 2007
over recommended operating free-air temperature range (unless otherwise noted)
(1) (2)
TA = 25°C
-40
°C TO 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –100 μA
1.2 V to 3.6 V 1.2 V to 3.6 V
VCCO – 0.2 V
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
VOH
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 μA
1.2 V to 3.6 V 1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.15
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
Control
II
VI = VCCA or GND
1.2 V to 3.6 V 1.2 V to 3.6 V
±0.025
±0.25
±1
μA
inputs
A or B
0 V
0 to 3.6 V
±0.1
±2.5
±5
port
Ioff
VI or VO = 0 to 3.6 V
μA
A or B
0 to 3.6 V
0 V
±0.1
±2.5
±5
port
VO = VCCO or GND,
A or B
IOZ
(3)
VI = VCCI or GND,
3.6 V
3.6 V
±0.5
±2.5
±5
μA
port
OE =VIH
1.2 V to 3.6 V 1.2 V to 3.6 V
50
ICCA
VI = VCCI or GND, IO = 0
0 V
3.6 V
–10
μA
3.6 V
0 V
50
1.2 V to 3.6 V 1.2 V to 3.6 V
50
ICCB
VI = VCCI or GND, IO = 0
0 V
3.6 V
50
μA
3.6 V
0 V
–10
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V 1.2 V to 3.6 V
90
μA
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
pF
inputs
A or B
Cio
VO = 3.3 V or GND
3.3 V
3.3 V
7
pF
port
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74AVC32T245


同様の部品番号 - SN74AVC32T245ZKER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC32T245ZKER TI-SN74AVC32T245ZKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245ZKER TI-SN74AVC32T245ZKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245ZKER TI1-SN74AVC32T245ZKER Datasheet
1Mb / 29P
[Old version datasheet]   32-Bit Dual-Supply Bus Transceiver
SN74AVC32T245ZKER TI1-SN74AVC32T245ZKER Datasheet
1Mb / 30P
[Old version datasheet]   SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
More results

同様の説明 - SN74AVC32T245ZKER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com