データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB33 データシート(PDF) 1 Page - Gulf Semiconductor

部品番号 SB33
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB33 データシート(HTML) 1 Page - Gulf Semiconductor

  SB33 Datasheet HTML 1Page - Gulf Semiconductor SB33 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB32 THRU SB36
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
VOLTAGE:20 TO 60V
CURRENT: 3.0A
FEATURE
SMC/DO--214AB
Plastic package has Underwriters Laboratory Flammability Classification
94V-0
For surface mounted applications
Low profile package
Built-in strain relief
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage high frequency inverters, free wheeling, and polarity
protection applications
Guarding for over voltage protection
High temperature soldering guaranteed:
250
ºC /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce, 0.25gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
ºC, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SB
32
SB
33
SB
34
SB
35
SB
36
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
50
60
V
Maximum RMS Voltage
Vrms
14
21
28
35
42
V
Maximum DC blocking Voltage
Vdc
20
30
40
50
60
V
Maximum Average Forward Rectified
Current 3/8’lead length at TL =105ºC
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
100.0
A
Maximum Forward Voltage at
rated Forward current
(Note 1)
Vf
0.5
0.75
V
Maximum DC Reverse Current
Ta =25
ºC
at rated DC blocking voltage
Ta =100
ºC
Ir
0.5
mA
20.0
10.0
Typical Thermal Resistance
(Note 2)
R(ja)
55.0
ºC /W
Storage and Operating Temperature Range
Tstg
-50 to +150
ºC
NOTE:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2inches (5.0 x 5.0mm) copper pad areas1
1 Rev.A4
www.gulfsemi.com


同様の部品番号 - SB33

メーカー部品番号データシート部品情報
logo
Gaomi Xinghe Electronic...
SB33 GXELECTRONICS-SB33 Datasheet
487Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SB330 TAYCHIPST-SB330 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SB330 FAIRCHILD-SB330 Datasheet
45Kb / 3P
   Schottky Rectifiers
logo
Shunye Enterprise
SB330 SHUNYE-SB330 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SB330 DIOTECH-SB330 Datasheet
699Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SB33

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
Gulf Semiconductor
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB360Q GULFSEMI-SB360Q Datasheet
100Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com