データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB3045CT データシート(PDF) 1 Page - Gulf Semiconductor

部品番号 SB3045CT
部品情報  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB3045CT データシート(HTML) 1 Page - Gulf Semiconductor

  SB3045CT Datasheet HTML 1Page - Gulf Semiconductor SB3045CT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB3045CT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 45V
CURRENT: 30.0A
FEATURE
TO-220AB
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB3045CT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
45
V
Maximum RMS Voltage
Vrms
31.5
V
Maximum DC blocking Voltage
Vdc
45
V
Maximum Average Forward Rectified Current
If(av)
30
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load per leg
Ifsm
220
A
Maximum Forward Voltage per leg and 25
°C
at 15A
Vf
0.57
V
Maximum Reverse Current per leg
Tj =25℃
at working peak reverse voltage
Tj =125℃
Ir
0.2
40.0
mA
Typical Thermal Resistance per leg
(Note 1)
Rth(jc)
1.6.
℃/W
Operating Junction and
Storage Temperature Ramge
Tj
Tstg
-65 to +175
°C
Note:
1.Thermal Resistance from Junction to Case


同様の部品番号 - SB3045CT

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB3045CT PANJIT-SB3045CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3045CT FORMOSA-SB3045CT Datasheet
108Kb / 6P
   Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SB3045CT LUGUANG-SB3045CT Datasheet
1Mb / 2P
   30A High Power Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SB3045CT SUNMATE-SB3045CT Datasheet
626Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB3045CT

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
Zibo Seno Electronic En...
MBRF3040CT ZSELEC-MBRF3040CT Datasheet
322Kb / 2P
   30.0A SCHOTTKY BARRIER DIODE
SB3040PT ZSELEC-SB3040PT Datasheet
140Kb / 2P
   30.0A SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com