データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

254201MS データシート(PDF) 1 Page - SUYIN USA, INC.

部品番号 254201MS
部品情報  2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUYIN-USA [SUYIN USA, INC.]
ホームページ  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

254201MS データシート(HTML) 1 Page - SUYIN USA, INC.

  254201MS Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
130
2.54
mm
254201MS Series
Dimension Information
2.54mm PITCH CENTER SINGLE
PIN WAFER BREAKABLE S/T DIP TYPE
Specifications:
2~40 Circuits
Insulator Material
: P.B.T UL94V-0
Operating Type Range
: Brass
Terminal Material
: Gold Or Tin Plated
Platings
: 1.5A
Max. Current Rating
: 250V AC
Max. Voltage Rating
: 500V AC For 60 Seconds
Dielectric Strength
Mates With SUYIN 254330,254250,254401 Series
Recommended P.C.B. Layout
50.80
48.26
45.72
43.18
40.64
38.10
35.56
33.02
30.48
27.94
25.40
22.86
20.32
17.78
15.24
12.70
10.16
DIM.B
15.24
53.34
50.80
48.26
45.72
43.18
40.64
38.10
35.56
33.02
30.48
27.94
20.32
25.40
22.86
17.78
SUYIN P/NO.
5.08
10.16
12.70
7.62
DIM.A
2.54
7.62
5.08
63.50
96.52
99.06
88.90
91.44
93.98
86.36
78.74
83.82
81.28
76.20
68.58
73.66
71.12
66.04
DIM.A
SUYIN P/NO.
53.34
58.42
55.42
60.96
DIM.B
76.20
78.74
66.04
71.12
68.58
73.66
63.50
58.42
55.88
60.96
86.36
101.60
96.52
99.06
93.98
91.44
88.90
81.28
83.82
2
1
3
4 5
Order Information
1. 'S' : Straight DIP Type
2. No. of Pins
3. Plating
4. Color 'Z' : Black
5. Package
'O' : Slim Box Without CAP
Reference Page 11


同様の部品番号 - 254201MS

メーカー部品番号データシート部品情報
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
   2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
More results

同様の説明 - 254201MS

メーカー部品番号データシート部品情報
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
   2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
254211MS SUYIN-USA-254211MS Datasheet
238Kb / 1P
   2.54mm CENTER SINGLE ROW PIN WAFER
254211MR SUYIN-USA-254211MR Datasheet
213Kb / 1P
   2.54mm CENTER SINGLE ROW PIN WAFER
254171MS SUYIN-USA-254171MS Datasheet
229Kb / 1P
   2.54mm CENTER PIN WAFER WITH LOCK
254171MR SUYIN-USA-254171MR Datasheet
226Kb / 1P
   2.54mm CENTER PIN WAFER WITH LOCK
254301MS SUYIN-USA-254301MS Datasheet
189Kb / 1P
   2.54 X 2.54mm PITCH DUAL ROW HEADER EASY BREAKABLE STRAIGHT DIP TYPE
080501MS SUYIN-USA-080501MS Datasheet
112Kb / 1P
   3.96mm CENTER WAFER
254322MR SUYIN-USA-254322MR Datasheet
202Kb / 1P
   2.54 x 2.54mm DUAL ROW HEADER EASY BREAKABLE R/A DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
logo
Hitachi Semiconductor
DNA1001D HITACHI-DNA1001D Datasheet
126Kb / 2P
   DIP 16 Pin Type
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com