データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74VMEH22501 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74VMEH22501
部品情報  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74VMEH22501 Datasheet HTML 5Page - Texas Instruments SN74VMEH22501 Datasheet HTML 6Page - Texas Instruments SN74VMEH22501 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501 Datasheet HTML 9Page - Texas Instruments SN74VMEH22501 Datasheet HTML 10Page - Texas Instruments SN74VMEH22501 Datasheet HTML 11Page - Texas Instruments SN74VMEH22501 Datasheet HTML 12Page - Texas Instruments SN74VMEH22501 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SN74VMEH22501
www.ti.com
SCES357F – JULY 2001 – REVISED FEBRUARY 2010
Electrical Characteristics (continued)
over recommended operating free-air temperature range for A and B ports (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
1A and 2A inputs
2.8
Ci
VI = 3.15 V or 0
pF
Control inputs
2.6
Co
1Y or 2Y outputs
VO = 3.15 V or 0
5.6
pF
3A port
7.9
Cio
VCC = 3.3 V,
VO = 3.3 V or 0
pF
Any B port
11
12.5
Live-Insertion Specifications
over recommended operating free-air temperature range for B port
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VCC = 0 to 3.15 V,
BIAS VCC = 3.15 V to 3.45 V,
IO(DC) = 0
5
mA
ICC (BIAS VCC)
VCC = 3.15 V to 3.45 V
(2), BIAS V
CC = 3.15 V to 3.45 V,
IO(DC) = 0
10
mA
VO
VCC = 0,
BIAS VCC = 3.15 V to 3.45 V
1.3
1.5
1.7
V
VO = 0,
BIAS VCC = 3.15 V
–20
–100
IO
VCC = 0
mA
VO = 3 V,
BIAS VCC = 3.15 V
20
100
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
VCC – 0.5 V < BIAS VCC
Timing Requirements for UBT Transceiver
over recommended operating conditions (unless otherwise noted) (see Figure 1 and Figure 2)
MIN
MAX
UNIT
fclock
Clock frequency
120
MHz
LE high
2.5
tw
Pulse duration
ns
CLK high or low
3
Data high
2.1
3A before CLK
Data low
2.2
CLK high
2
3A before LE
CLK low
2
tsu
Setup time
ns
Data high
2.5
3B before CLK
Data low
2.7
CLK high
2
3B before LE
CLK low
2
Data high
0
3A after CLK
Data low
0
CLK high
1
3A after LE
CLK low
1
th
Hold time
ns
Data high
0
3B after CLK
Data low
0
CLK high
1
3B after LE
CLK low
1
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN74VMEH22501


同様の部品番号 - SN74VMEH22501

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

同様の説明 - SN74VMEH22501

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com